Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • FASD-41-R

  • AI
    ## FASD-41-R Electronic Components & Specifications The **FASD-41-R** is a specific model of a **Compact High-Speed Fuse** (typically from the North American style or semiconductor protection category). These are engineered to protect power electronic devices such as diodes, thyristors, and IGBTs from overcurrent conditions. ### 1. Key Technical Specifications The following table outlines the core electrical characteristics of the FASD-41-R: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Current Rating** | 40A - 41A | The continuous current the fuse can carry without opening. | | **Voltage Rating** | 600V - 700V AC/DC | Maximum voltage the fuse can safely interrupt. | | **Interrupting Rating** | 200kA RMS Sym. | The maximum fault current the fuse can safely stop. | | **Body Style** | North American Cylindrical | Standard bolt-on or ferrule design for easy mounting. | | **Clearing $I^2t$** | Low | Optimized to minimize energy let-through during a fault. | --- ### 2. Internal Electronic Construction The "parts" of the FASD-41-R are not electronic circuits (like resistors or transistors) but rather structural components designed for high-speed thermal response: 1. **Fuse Element:** Usually made of pure silver strips with specific "notches." The geometry of these notches determines the speed of the fuse. Silver is used for its high conductivity and predictable melting point. 2. **Arc Quenching Material:** The body is filled with high-purity silica sand. When the element melts, the sand turns into glass (fulgurite), which absorbs the energy of the electrical arc and extinguishes it. 3. **Body Material:** Typically made of high-temperature ceramic or reinforced melamine to withstand internal pressure and thermal shock during a short circuit. 4. **Terminals/End Caps:** High-conductivity copper alloy, often tin-plated or silver-plated, to ensure low contact resistance and prevent oxidation. --- ### 3. Application Use Cases Because of its high-speed characteristics, the FASD-41-R is commonly found in: * **Variable Frequency Drives (VFDs):** Protecting the input rectifiers. * **DC Drives:** Safeguarding internal power modules. * **UPS Systems:** Preventing battery bank or inverter damage during faults. * **Soft Starters:** High-speed protection for sensitive thyristors. ### 4. Part Number Breakdown (Typical) | Segment | Meaning | | :--- | :--- | | **FA** | Fast Acting / Semiconductor Protection | | **S** | Standard Series / Size designation | | **D** | Design Revision or Mounting Style | | **41** | Ampere Rating (41 Amps) | | **R** | RoHS Compliant (Lead-free) | ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a standard fuse and a high-speed semiconductor fuse?
    • ⤷ Can the FASD-41-R be used in DC circuits as well as AC?
    • ⤷ What are the common mounting alternatives for this fuse type?