FC4A-R081
AI

The **FC4A-R081** is a specific digital output expansion module belonging to the **IDEC MicroSmart FC4A series** PLC (Programmable Logic Controller). It is designed to expand the base controller's capabilities by adding relay contact outputs.
---
### ## Technical Specifications
The following table summarizes the key electronic characteristics of the FC4A-R081 module:
| Parameter | Specification |
| :--- | :--- |
| **Output Points** | 8 Points |
| **Output Type** | Relay (Electromechanical) |
| **Connection Type** | Removable Terminal Block (M3 screws) |
| **Rated Load Voltage** | 24V DC / 240V AC |
| **Maximum Load Current** | 2A per point (7A per common) |
| **Mechanical Life** | 20,000,000 operations (no load) |
| **Electrical Life** | 100,000 operations (at rated load) |
| **Response Time** | 10ms (ON/OFF) |
---
### ### Electronic Architecture & Components
#### 1. Relay Contacts (Electromechanical)
Unlike transistor outputs (which are solid-state), the FC4A-R081 uses physical mechanical switches.
- **Advantage:** It can handle both AC and DC voltages and provides high current capacity.
- **Isolation:** Provides physical galvanic isolation between the PLC internal logic and the external load, protecting the CPU from surges.
#### 2. Status Indicators (LEDs)
The module features integrated diagnostic LEDs on the front panel:
- **PWR (Green):** Indicates the expansion module is receiving power from the PLC bus.
- **OUT (Amber):** Each of the 8 channels has an individual LED that illuminates when the internal relay coil is energized.
#### 3. Power Consumption
The module draws its power directly from the PLC base unit via the expansion bus connector.
- **Internal Current Draw:** Approximately 40mA at 5V DC and 50mA at 24V DC (when all relays are ON).
---
### ### Wiring Configuration
The outputs are typically organized into "Commons" to simplify wiring. In the FC4A-R081:
- Points are usually grouped (e.g., 4 points per common).
- You can mix different voltages (e.g., 24V DC on one group and 120V AC on another) as long as they share the same common terminal.
---
### ### Protection Measures
When using this module with inductive loads (motors, solenoids, or contactors), electronic protection is recommended to prevent contact pitting:
- **For DC Loads:** Connect a diode in parallel with the load.
- **For AC Loads:** Connect an RC snubber circuit across the load.
- ⤷
What are the main differences between the FC4A-R081 and transistor-based output modules?
- ⤷ How many FC4A-R081 modules can be connected to a single MicroSmart CPU?
- ⤷ What is the recommended wire gauge for the terminal blocks on this module?