FCA-10-R
AI

The **FCA-10-R** is an industrial-grade **Solid State Relay (SSR)** or specialized power controller, often utilized in HVAC systems, heating elements, and industrial automation. Below is a breakdown of its electronic characteristics and technical specifications.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Control Voltage** | 3 - 32 VDC (Typical for logic-level switching) |
| **Load Voltage Range** | 24 - 280 VAC |
| **Rated Current** | 10 Amperes |
| **Switching Type** | Zero-Cross Switching (Reduces EMI/RFI) |
| **Isolation** | Photoelectric (Opto-isolation between input/output) |
---
### 2. Core Electronic Components
The FCA-10-R functions through three primary electronic stages:
#### A. Input Circuit (The "Trigger")
* **Optocoupler:** The heart of the input side. It converts the incoming DC electrical signal into light. This ensures that the high-voltage AC side is physically and electrically isolated from the low-voltage control side (PLC or Microcontroller), preventing surge damage to the controller.
* **Current Limiting Resistor:** Protects the internal LED of the optocoupler from overcurrent.
#### B. Zero-Cross Detection Circuit
* This circuit monitors the AC sine wave of the load. It ensures the relay only switches "ON" when the AC voltage is at or near **0V**.
* **Benefit:** This minimizes "inrush current" and electromagnetic interference (EMI), which extends the life of both the relay and the connected load.
#### C. Power Output Stage
* **TRIAC / Back-to-Back Thyristors:** These are the semiconductor switches that handle the actual 10A current. Unlike mechanical relays, there are no moving parts, meaning no contact arcing or mechanical wear.
* **RC Snubber Circuit:** Most FCA series relays include an internal Snubber (Resistor-Capacitor network) to protect the device from high $dv/dt$ (voltage spikes) that occur when switching inductive loads like motors or solenoids.
---
### 3. Application and Mounting
Because the FCA-10-R is a semiconductor device, it generates heat during operation (roughly 1.2 to 1.5 Watts per Ampere).
* **Heat Dissipation:** It is typically mounted on a metal chassis or a dedicated heat sink.
* **Protection:** It is recommended to use a **Fast-Acting Fuse** (semiconductor fuse) in series with the load, as standard circuit breakers are often too slow to protect the internal TRIAC from a short circuit.
---
- ⤷
What are the primary differences between the FCA-10-R and a standard mechanical relay?
- ⤷ How do I calculate the heat sink size required for a 10A load?
- ⤷ Can the FCA-10-R be used with DC loads instead of AC?