FCA-15-R
AI

The **FCA-15-R** is a specific type of high-performance, mid-range relay manufactured by **TE Connectivity (Kilovac/Hartman brands)**. It is designed primarily for aerospace, defense, and demanding industrial applications where reliability under extreme conditions is non-negotiable.
---
### 1. General Specifications
The FCA-15-R belongs to the FCA series of polarized, single-side stable relays. Below are the primary electronic and mechanical specifications:
| Feature | Specification |
| :--- | :--- |
| **Contact Arrangement** | 1PDT (1 Form C) |
| **Contact Rating** | 15 Amps |
| **Coil Voltage (Nominal)** | 28 VDC |
| **Terminal Style** | Solder Hooks / Terminals |
| **Enclosure** | Hermetically Sealed |
| **Standard Compliance** | MIL-R-6106 (Military Grade) |
---
### 2. Key Electronic Components & Construction
#### A. The Coil System
The relay operates on a **28 VDC** coil system.
* **Polarized Design:** It uses a permanent magnet in conjunction with the electromagnet. This increases sensitivity and allows the relay to remain stable against high shocks and vibrations.
* **Power Consumption:** Designed for efficiency, the coil requires minimal current to maintain the "closed" state compared to non-polarized industrial relays.
#### B. Contact Assembly
* **Material:** Typically uses silver-cadmium oxide or similar alloys with gold plating to prevent oxidation and ensure low contact resistance over time.
* **Current Handling:** Rated for **15A at 28 VDC** or 115 VAC (400Hz). The 400Hz rating is a standard for aircraft power systems.
#### C. Hermetic Sealing
The internal electronic parts are housed in a metal can that is vacuum-purged and filled with an inert gas (usually dry nitrogen).
* **Purpose:** Prevents internal arcing at high altitudes and protects contacts from moisture, dust, and corrosive atmospheres.
---
### 3. Applications
Due to its ruggedized nature, the FCA-15-R is found in:
* **Avionics:** Power distribution and engine control systems.
* **Missile Systems:** Guidance and firing mechanisms.
* **Space Equipment:** Satellite power switching.
* **Heavy Defense Vehicles:** Communication and tactical equipment.
---
### 4. Part Number Breakdown (Typical)
While "FCA-15-R" is the base series, the suffixes often denote specific mounting or wiring configurations:
| Prefix | Rating | Feature |
| :--- | :--- | :--- |
| **FCA** | Series Name | Fixed Contact Armature |
| **15** | 15 Amps | Continuous current capacity |
| **R** | Configuration | Specific mounting or internal diode protection |
---
- ⤷
What are the specific vibration and shock ratings for the FCA-15-R?
- ⤷ Does this relay include internal surge suppression diodes?
- ⤷ What is the difference between the FCA-15-R and the FCA-125 series?