AI

## FCLM635S20LD3: Electronic Overview
The **FCLM635S20LD3** is a high-performance **Red Laser Diode Module**. It is designed for applications requiring a precise, visible red light source, such as industrial alignment, medical instrumentation, and sensing.
---
### 1. Key Technical Specifications
Below are the primary electronic and optical characteristics typically associated with this module:
| Parameter | Value/Range | Unit |
| :--- | :--- | :--- |
| **Wavelength** | 635 (±5) | nm |
| **Optical Output Power** | 20 (Typical) | mW |
| **Operating Voltage** | 3.0 - 5.0 | VDC |
| **Operating Current** | < 80 | mA |
| **Laser Class** | Class 3B | - |
| **Beam Shape** | Circular / Elliptical | - |
| **Operating Temperature** | -10 to +50 | °C |
---
### 2. Electronic Components & Functionality
The module is not just a raw diode; it contains several electronic stages to ensure stability and safety:
#### A. The Laser Diode (LD)
* **Material:** AlGaInP (Aluminium Gallium Indium Phosphide) semiconductor.
* **Function:** Converts electrical energy into coherent red light. At 635nm, the light appears significantly brighter to the human eye than standard 650nm lasers of the same power.
#### B. Driver Circuitry (APC vs. ACC)
Most modules in this series utilize an **Automatic Power Control (APC)** circuit:
* **Feedback Loop:** Uses a built-in photodiode to monitor the laser's output.
* **Regulation:** If the temperature rises (which usually decreases efficiency), the circuit adjusts the current to maintain a constant optical power output.
#### C. Protection Components
* **ESD Protection:** Includes diodes to protect the sensitive laser junction from Electrostatic Discharge.
* **Reverse Polarity Protection:** Prevents damage if the power supply leads are connected incorrectly.
---
### 3. Connection Diagram (General)
The module typically features three wires or pins, though two-wire versions exist:
```text
Red Wire (+) -> Positive Supply (3.0V - 5.0V)
Black Wire (-) -> Ground (GND)
Yellow/Blue -> TTL Modulation / Enable (Optional)
```
---
### 4. Critical Considerations
1. **Heat Dissipation:** Although it operates at low current, the module should be mounted on a metal heatsink or bracket to ensure long-term stability and prevent "thermal runaway."
2. **Modulation:** Depending on the specific driver version, this module may support **TTL modulation**, allowing you to turn the laser on and off rapidly for data transmission or pulsed applications.
3. **Eye Safety:** Because this is a 20mW laser, it is dangerous to the human eye. Proper shielding and interlocks are required in an electronic system design.
---
- ⤷
What is the difference in visibility between 635nm and 650nm lasers?
- ⤷ How do I implement a TTL signal to control this laser module?
- ⤷ What are the recommended heatsink specifications for a 20mW diode?