FCR-166-R/Q
AI

The **FCR-166-R/Q** refers to a high-performance **Crystal Oscillator (XO)**, typically manufactured by companies like *Fox Electronics* (now part of Abracon). This specific series is known for its stability and is often used in clock generation for digital circuits.
### 1. Technical Specifications
The "R/Q" suffix usually denotes specific packaging or output logic variants (such as HCMOS/TTL compatibility).
| Feature | Typical Specification |
| :--- | :--- |
| **Component Type** | Fixed Frequency Crystal Oscillator |
| **Output Type** | HCMOS / TTL |
| **Frequency Range** | Usually 1.000 MHz to 100.000 MHz |
| **Supply Voltage (Vdd)** | 3.3V or 5.0V (Model dependent) |
| **Operating Temp** | -10°C to +70°C (Standard) or -40°C to +85°C |
| **Frequency Stability** | ±25ppm to ±100ppm |
| **Package Style** | Through-hole (DIP-14 or DIP-8 footprint) |
---
### 2. Pinout Configuration
For the FCR series in a standard 4-pin configuration (DIP-14 size), the pinout is generally standardized:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | E/D or NC | Enable/Disable (Tri-state) or No Connect |
| **7** | GND | Circuit Ground |
| **8** | Output | The generated clock signal |
| **14** | Vdd | Positive Power Supply |
---
### 3. Key Electronic Characteristics
* **Tri-State Functionality:** If the "Q" variant includes an Enable/Disable pin, it allows the output to go into a high-impedance state, reducing power consumption when the clock is not needed.
* **Low Jitter:** These oscillators are designed to provide a clean square wave with minimal timing variations, essential for high-speed data processing.
* **Load Capacitance:** Optimized to drive loads (typically 15pF to 50pF) without distorting the waveform.
---
### 4. Typical Applications
1. **Microprocessors:** Providing the base clock frequency for CPUs and MCUs.
2. **Networking:** Used in Ethernet cards and routers for synchronized data transmission.
3. **Industrial Control:** Reliable timing for PLCs (Programmable Logic Controllers).
4. **Embedded Systems:** General-purpose timing for digital logic gates.
---
- ⤷
What is the difference between the R and Q suffixes in this specific series?
- ⤷ How do I calculate the power consumption of an FCR-166 oscillator?
- ⤷ What are the common failure modes for crystal oscillators in high-vibration environments?