Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • FCR-1A-R

  • AI
    ## Electronic Components of the FCR-1A-R The **FCR-1A-R** is a specific model of a **Forward-Reverse Magnetic Contactor (Reversing Contactor)**, commonly used in industrial motor control applications to change the direction of a three-phase motor. Below is a breakdown of its primary electronic and electromechanical parts: ### 1. Core Components and Specifications | Component | Description | Function | | :--- | :--- | :--- | | **Coil** | Electromagnetic copper windings. | Generates a magnetic field when energized to pull the contacts closed. | | **Main Contacts** | High-conductivity silver-alloy points. | Switches the high-current power to the motor. | | **Auxiliary Contacts** | Small signal-level contacts (NO/NC). | Used for interlocking, signaling, and control logic. | | **Mechanical Interlock** | Physical lever mechanism. | Prevents both forward and reverse contactors from closing simultaneously. | --- ### 2. Detailed Electronic Features #### A. The Magnetic Coil The "heart" of the device. In the FCR-1A-R, the coil is rated for a specific voltage (usually **AC 110V, 220V, or 440V**). - **Inrush Current:** When the coil is first energized, it draws a high peak current to close the air gap. - **Sealed Current:** The lower current required to hold the armature in place once closed. #### B. Main Circuit Contacts (Power Side) The unit consists of two 3-pole contactors mounted together. - **L1, L2, L3:** Input power terminals. - **T1, T2, T3:** Output terminals to the motor. - **Phase Reversal:** The internal wiring (or external busbars) swaps two of the three phases (usually L1 and L3) to reverse the motor's magnetic field rotation. #### C. Auxiliary Contacts (Control Side) These are used to manage the "Logic" of the machine: - **Normally Closed (NC) Interlock:** Used to ensure that if the "Forward" coil is active, the "Reverse" coil's circuit is physically broken, preventing a short circuit. - **Normally Open (NO) Feedback:** Sends a signal to a PLC or indicator lamp to confirm the motor is running. --- ### 3. Safety and Protective Elements Electronic systems using the FCR-1A-R often include these additional parts: 1. **Surge Suppressor (Varistor/RC Circuit):** Often added across the coil terminals to prevent voltage spikes when the coil is de-energized, protecting nearby sensitive electronics like PLCs. 2. **Overload Relay (Optional Attachment):** While the FCR-1A-R is a contactor, it is frequently paired with a **Thermal Overload Relay** to protect the motor from over-current conditions. ### 4. Technical Wiring Logic (Basic) ```mermaid graph TD A[Power Input L1-L2-L3] --> B{FCR-1A-R Contactor} B -- Direct Path --> C[Forward Rotation] B -- Swapped L1/L3 Path --> D[Reverse Rotation] E[Control Switch] --> F[Interlock Logic] F --> B ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific coil voltage options available for the FCR-1A-R?
    • ⤷ How does the mechanical interlock differ from the electrical interlock in this model?
    • ⤷ What is the maximum current rating for the FCR-1A-R main contacts?