FCR-1E-R
AI

The **FCR-1E-R** is a specialized high-precision electronic component, typically classified as a **Film Capacitor** (specifically a Radial Lead Metallized Film Capacitor). These components are widely used in industrial electronics, power supplies, and signal-processing circuits.
---
## 1. Core Electronic Specifications
The performance of the FCR-1E-R is defined by its dielectric properties and electrical tolerances. Below are the typical parameters associated with this series:
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Capacitance Range** | Varies by specific suffix (e.g., 0.1µF to 10µF) |
| **Voltage Rating** | 25V to 100V DC (standard for '1E' designation) |
| **Tolerance** | ±5% (J) or ±10% (K) |
| **Dielectric Material** | Polyester (PET) or Polypropylene (PP) |
| **Mounting Type** | Through-hole (Radial Leads) |
| **Operating Temp** | -40°C to +85°C (up to 105°C with derating) |
---
## 2. Key Electronic Features
### A. Metallized Film Construction
Unlike traditional foil capacitors, the "FCR" series utilizes a thin layer of metal vacuum-deposited directly onto the plastic film.
* **Self-Healing Properties:** If a dielectric breakdown occurs due to a voltage spike, the thin metallization evaporates around the point of failure, preventing a short circuit.
* **Compact Size:** High capacitance-to-volume ratio compared to paper or electrolytic capacitors.
### B. "1E" Designation
In electronic coding, **1E** often refers to the **Rated Voltage**. According to the standard EIA/JIS capacitance coding:
* **1E** corresponds to **25 Volts**.
### C. Low ESR and ESL
Because of the radial lead construction and film technology, these parts exhibit:
* **Low Equivalent Series Resistance (ESR):** Minimizes heat generation during high-frequency operation.
* **Low Inductance:** Suitable for bypassing and decoupling applications.
---
## 3. Circuit Applications
The FCR-1E-R is commonly integrated into the following electronic stages:
1. **Filtering:** Used in DC-DC converters to smooth out ripples in the output voltage.
2. **Coupling/Decoupling:** Blocks DC components while allowing AC signals to pass between amplifier stages.
3. **Timing Circuits:** Due to its stability over time and temperature, it is often used in RC (Resistor-Capacitor) timing networks.
4. **Noise Suppression:** Acting as a bypass capacitor to shunt high-frequency electromagnetic interference (EMI) to the ground.
---
## 4. Part Number Breakdown (Typical)
* **FCR:** Series identifier (Film Capacitor Radial).
* **1E:** Voltage Rating (25V).
* **R:** Packaging/Form factor (often indicates "Radial" or "RoHS Compliant/Taped").
---
- ⤷
What is the specific capacitance value for your FCR-1E-R model?
- ⤷ Do you need a comparison between the FCR series and ceramic capacitors?
- ⤷ Are you looking for a replacement part with higher voltage tolerance?