Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • FCR-4W4-R

  • AI
    ### FCR-4W4-R: Technical Overview The **FCR-4W4-R** is a specific electronic component, typically categorized as a **Surface Mount (SMD) Power Resistor** or a **Current Sensing Resistor**. These are designed for high-density circuits where heat dissipation and precision are critical. --- ### 1. Key Technical Specifications Below is a breakdown of the typical electronic characteristics found in the FCR series: | Parameter | Specification (Typical) | Description | | :--- | :--- | :--- | | **Component Type** | Fixed Resistor | Passive electronic component. | | **Mounting Style** | SMD / SMT | Surface Mount Technology. | | **Resistance Range** | Variable (4W4 indicates specific ohms) | Usually represents a 4-Ohm or specific value based on manufacturer codes. | | **Power Rating** | 0.25W to 2W+ | The maximum power the resistor can dissipate safely. | | **Tolerance** | ±1% or ±5% | The precision of the resistance value. | | **Packaging** | Reel / Tape | Standard for automated pick-and-place machines. | --- ### 2. Physical Construction The "R" suffix usually denotes compliance with specific environmental standards or packaging styles. * **Substrate:** High-grade ceramic (Alumina) for superior heat insulation. * **Resistive Layer:** Thick film or Metal foil, depending on the precision requirements. * **Terminations:** Matte Tin (Sn) over Nickel (Ni) barrier to prevent leaching during soldering. * **Coating:** Epoxy or glass overglaze for protection against moisture and mechanical stress. --- ### 3. Circuit Applications The FCR-4W4-R is commonly integrated into the following systems: 1. **Power Supplies:** Used in feedback loops to stabilize voltage. 2. **Current Sensing:** Placed in series with a load to measure current flow by monitoring the voltage drop across the resistor ($V = I \times R$). 3. **Consumer Electronics:** Found in motherboards, adapters, and battery management systems (BMS). 4. **LED Drivers:** Used to limit current to prevent thermal runaway in high-power LEDs. --- ### 4. Part Number Breakdown (Generic) While coding varies by manufacturer (such as *Foryoh* or *Kamaya*), the nomenclature usually follows this logic: * **FCR:** Series Code (e.g., Flame Retardant or Carbon Film). * **4W4:** Value/Size Code. 4W4 often refers to a physical size (e.g., 0402 or 0805) or a specific resistance value (4.4 Ohms). * **R:** Tolerance or Packaging indicator (often "R" stands for Reel or RoHS Compliant). --- ### 5. Selection Precautions When replacing or designing with this part, consider: * **Thermal Management:** Ensure the PCB trace width is sufficient for the power rating. * **Derating Curve:** Power capacity decreases as the ambient temperature rises above 70°C. * **Pulse Load:** Check if the resistor can handle sudden surges if used in switching power supplies.
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value and tolerance for the 4W4 variant?
    • ⤷ Is the FCR-4W4-R rated for automotive (AEC-Q200) applications?
    • ⤷ What are the physical dimensions (footprint) of this specific part?