FCR-5W1-R
AI

The **FCR-5W1-R** is a specific model of a power resistor, typically manufactured by companies like **Synton-Tech** or similar electronic component providers. This component is designed to handle high power loads and provide precise resistance in a compact form factor.
---
### 1. Technical Specifications
The part number follows a standard naming convention that describes its electrical properties:
| Parameter | Specification | Description |
|:---|:---|:---|
| **Resistance Value** | 1 $\Omega$ | Indicated by "1-R" (1 Ohm) |
| **Power Rating** | 5 Watts | "5W" indicates the maximum power dissipation |
| **Tolerance** | $\pm 5\%$ | Typically standard for the FCR (Flameproof Carbon) series |
| **Construction** | Carbon Film | Deposits a carbon film on a ceramic rod |
| **Body Style** | Axial Leaded | Traditional through-hole mounting |
| **Safety Feature** | Flameproof | Designed not to ignite under extreme overload |
---
### 2. Key Components & Materials
To understand the "electronic parts" of this resistor, we look at its internal layers:
* **Ceramic Core:** A high-grade Alumina ceramic rod acts as the substrate. It provides physical strength and heat resistance.
* **Resistive Film:** A thin layer of carbon film is deposited onto the rod. The thickness and length of this film determine the resistance.
* **End Caps:** Steel caps (often tin-plated) are pressed onto the ends of the rod to create a secure electrical contact.
* **Helical Groove:** A laser or mechanical spiral is cut into the carbon film to calibrate the exact resistance value.
* **Coating:** A flameproof, heat-dissipating paint (usually green or grey) protects the element from moisture and mechanical damage.
---
### 3. Applications
Due to its 5W power rating, the FCR-5W1-R is used in circuits where standard 1/4W resistors would burn out:
1. **Current Sensing:** The low resistance (1 Ohm) allows it to be used to measure current flow by monitoring the voltage drop across it.
2. **Inrush Current Limiting:** Protecting power supplies from sudden spikes when first turned on.
3. **Voltage Dividers:** In power management circuits where high current is present.
4. **Snubber Circuits:** Used in motor controllers to suppress voltage spikes.
---
### 4. Comparison: Carbon Film vs. Metal Film
| Feature | FCR (Carbon Film) | FFR (Metal Film) |
|:---|:---|:---|
| **Cost** | Lower | Higher |
| **Stability** | Moderate | Excellent |
| **Noise** | Higher | Very Low |
| **Best Use** | Power/General Purpose | Precision/Audio |
- ⤷
What is the maximum operating temperature for the FCR-5W series?
- ⤷ Can this resistor be used in high-frequency RF circuits?
- ⤷ What are the dimensions of a standard 5W axial resistor?