Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • FCR-A4-R

  • AI
    The **FCR-A4-R** is an industrial-grade relay terminal module, commonly used in automation control systems to interface between low-power controllers (like PLCs) and high-power field devices. Below is a detailed breakdown of its electronic components and technical specifications. --- ## 1. Core Electronic Components The "FCR-A4-R" typically refers to a **4-Channel Relay Board**. Here are the primary electronic parts integrated into the module: | Component | Description | Function | | :--- | :--- | :--- | | **Relays** | Usually 4 units (Electromechanical). | Acts as the switch to control high-current AC/DC loads. | | **Flyback Diodes** | Connected across the relay coils. | Protects the driving circuit from inductive voltage spikes (Back EMF). | | **Status LEDs** | Light Emitting Diodes (usually Red or Green). | Provides visual confirmation of which channel is currently active. | | **Terminal Blocks** | Screw-type or Spring-type connectors. | Secure interface for input signals and output load wiring. | | **Optocouplers** | (Optional in some variants). | Provides galvanic isolation between the PLC and the relay coil. | | **Varistors (MOVs)** | (Optional on output side). | Provides surge protection for the relay contacts. | --- ## 2. Technical Specifications | Parameter | Typical Value | | :--- | :--- | | **Number of Channels** | 4 | | **Coil Voltage (Input)** | 24V DC (Commonly) | | **Contact Rating (Output)** | 5A to 10A at 250V AC / 30V DC | | **Contact Configuration** | 1 Form C (SPDT - Single Pole Double Throw) | | **Mounting Type** | DIN Rail Mounting (35mm) | --- ## 3. Circuit Operation Logic The electronic architecture follows a standard "Input-Logic-Output" flow: 1. **Input Signal:** A 24V DC signal from a PLC output card enters the terminal. 2. **Driving Circuit:** The signal passes through a protective diode and energizes the electromagnetic coil inside the relay. 3. **Mechanical Action:** The magnetic field pulls the internal armature, switching the contact from **NC** (Normally Closed) to **NO** (Normally Open). 4. **Feedback:** The **LED** wired in parallel with the coil lights up to indicate the circuit is closed. 5. **Output Switch:** The load connected to the output terminals receives power. --- ## 4. Key Features for Industrial Use * **Replaceable Relays:** Most FCR modules allow individual relays to be unplugged and replaced without rewiring the entire board. * **Polarity Protection:** Integrated diodes prevent damage if the input +/- wires are reversed. * **Compact Design:** The "A4" designation often signifies a slim form factor to save space in electrical cabinets.
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency for the FCR-A4-R relays?
    • ⤷ Can this module be used with 110V AC input signals?
    • ⤷ How do I troubleshoot a channel that is not switching despite the LED being on?