FCR-B6-R/Q
AI

The **FCR-B6-R/Q** refers to a high-speed, high-density rectangular connector series, typically manufactured by companies like **Hirose (HRS)**. These are widely used in industrial automation, medical equipment, and high-end telecommunications.
---
### 1. Technical Specifications
The "R/Q" designation often refers to the specific housing or contact style (Receptacle/Quick-locking). Below is a breakdown of the typical electrical and physical parameters:
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | High-density Rectangular |
| **Number of Pins** | 6 Pins |
| **Current Rating** | 2A to 3A (depending on wire gauge) |
| **Voltage Rating** | AC 300V / DC 400V |
| **Contact Resistance** | 30 mΩ Max |
| **Insulation Resistance** | 1000 MΩ Min at 500V DC |
| **Operating Temp** | -25°C to +85°C |
---
### 2. Key Electronic Components & Materials
The performance of the FCR-B6-R/Q is defined by its material composition:
* **Contacts (Pins/Sockets):** Usually made of **Phosphor Bronze** or Copper Alloy with **Gold plating** over Nickel. Gold is used to prevent oxidation and ensure low contact resistance over thousands of mating cycles.
* **Insulator (Body):** Made of high-grade synthetic resin (like PBT or PPS). These materials are chosen for their high dielectric strength and resistance to heat during soldering.
* **Shielding:** Many "R/Q" variants include a metal shell (Zinc alloy or Stainless steel) for **EMI (Electromagnetic Interference)** protection, which is critical for high-speed signal integrity.
---
### 3. Connection & Wiring Styles
The electronic integration of this part usually follows one of three methods:
1. **Crimp Termination:** Individual wires are crimped into metal terminals and inserted into the B6 housing.
2. **Solder Cup:** Wires are soldered directly into the back of the connector pins.
3. **PCB Mount:** (If the "R" stands for a right-angle receptacle) The pins are soldered directly into a Printed Circuit Board.
---
### 4. Application Logic
The FCR-B6 series is favored in "Blind-mating" scenarios where the user cannot see the connection point. The **"Q" (Quick-lock)** mechanism provides tactile feedback (a click) to ensure the electronic circuit is fully closed, preventing partial contact which could lead to arcing or data loss.
- ⤷
What is the difference between the R and Q suffixes in this series?
- ⤷ How do I choose the correct wire gauge for the FCR-B6-R terminals?
- ⤷ Are there waterproof versions of this specific connector?