Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • FCR-E4-R

  • AI
    The **FCR-E4-R** is an Electronic Control Unit (ECU) / Display Interface module specifically designed for **Fan Coil Units (FCU)** and air conditioning systems. It acts as the bridge between the user interface (thermostat) and the mechanical components of the HVAC system. ### 1. Key Electronic Components and Specifications The device operates as a microprocessor-based controller. Below are the primary electronic characteristics: | Component / Feature | Specification Details | | :--- | :--- | | **Power Supply** | Usually 230V AC (Standard) or 24V AC/DC depending on the specific sub-model. | | **Input Signals** | Support for NTC temperature sensors (Room/Water) and Digital Inputs (Window contacts). | | **Output Type** | Relay outputs for fan speed and triac/relay for valve control. | | **Connectivity** | Modbus RTU (RS485) communication protocol for BMS integration. | | **Display Type** | Backlit LCD or LED segments (depending on housing) for status monitoring. | --- ### 2. Functional Electronic Blocks The FCR-E4-R internal circuitry is divided into several functional areas: * **Microcontroller Unit (MCU):** The brain of the unit that processes sensor data, calculates PID (Proportional-Integral-Derivative) algorithms, and manages the logic for heating/cooling modes. * **Switching Power Supply:** Steps down the high voltage AC to low voltage DC (5V or 3.3V) to power the internal logic circuits. * **Relay Bank:** Mechanical or Solid State Relays (SSR) used to switch the high-current fan motor speeds (Low, Medium, High). * **Analog-to-Digital Converter (ADC):** Translates the resistance from NTC thermistors into digital temperature values. --- ### 3. Wiring and Terminal Layout The electronic terminals are categorized to prevent interference between high-voltage power and low-voltage signals: 1. **Power Terminals:** L (Line) and N (Neutral) for main power. 2. **Fan Terminals:** Outputs for the 3-speed motor (V1, V2, V3). 3. **Valve Control:** Terminals for Open/Close actuators (2-pipe or 4-pipe systems). 4. **Communication:** A(+) and B(-) terminals for RS485 Modbus networking. 5. **Sensors:** Dedicated low-voltage inputs for external probes. --- ### 4. Technical Summary The "R" in the suffix often denotes **Remote** capability or specific **Relay** configurations designed for DIN-rail mounting or integrated fan coil boxes. It is highly valued for its ability to integrate with Building Management Systems (BMS) while providing local manual control.
    ✨ Follow-up Questions
    • ⤷ How do you configure the Modbus address on the FCR-E4-R?
    • ⤷ What are the compatible NTC sensor values for this controller?
    • ⤷ Can this unit control both 2-pipe and 4-pipe HVAC systems?