FCR-EA-R
AI

The **FCR-EA-R** is a high-performance Digital Electronic Control Unit (ECU) primarily used in industrial automation, specifically for controlling **Friction Clutches and Brakes** (often manufactured by companies like Ogura or specialized industrial motion brands).
Below is a breakdown of its electronic components, functions, and technical specifications.
---
## 1. Core Electronic Components & Architecture
The FCR-EA-R acts as a sophisticated power regulator that converts AC input into a controlled DC output to actuate electromagnetic coils.
| Component | Description |
| :--- | :--- |
| **Microprocessor/Logic Controller** | The "brain" that processes input signals (Start/Stop) and manages timing for Over-Excitation. |
| **Power Rectifier Bridge** | Converts incoming AC voltage (typically 100V-240V) into DC power. |
| **Switching Power Stage** | Utilizes MOSFETs or IGBTs to regulate current flow via Pulse Width Modulation (PWM). |
| **Over-Excitation Circuit** | A specialized circuit that provides a momentary high-voltage spike to speed up clutch engagement. |
| **Variable Resistors (Trimmers)** | Used to manually adjust the output voltage (Torque) and the timing of the over-excitation period. |
---
## 2. Technical Specifications
These controllers are designed for precision and durability in high-cycle environments.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Input Voltage** | 100V - 240V AC (Single Phase) |
| **Output Voltage** | 0V to 90V DC (Adjustable) |
| **Over-Excitation Ratio** | Typically 2x to 4x the rated voltage |
| **Mounting Type** | DIN Rail or Panel Mount |
| **Control Signal** | Dry contact, NPN/PNP Open Collector |
---
## 3. Key Electronic Functions
### A. Over-Excitation (Quick Response)
The most critical electronic feature of the FCR-EA-R is its ability to briefly apply a higher voltage than the rated coil voltage (e.g., applying 90V to a 24V coil for 50ms). This overcomes the magnetic inertia of the coil faster, resulting in millisecond-accurate engagement times.
### B. Constant Current/Voltage Regulation
The internal electronics stabilize the output against fluctuations in the main power supply. This ensures that the torque produced by the clutch or brake remains consistent, preventing slippage or mechanical wear.
### C. Spark Suppression (Arcing Protection)
When an electromagnetic coil is turned off, it generates a large back-EMF (voltage spike). The FCR-EA-R contains internal **Snubber Circuits** (diodes and capacitors) to absorb this energy, protecting the controller's internal switches from burning out.
---
## 4. Wiring and Interface Diagram
The electronic terminals are generally categorized as follows:
1. **AC Power (L/N):** Main power supply input.
2. **Output (+/-):** Connection to the Clutch or Brake coil.
3. **External Signal:** Terminals for a PLC or Push Button to trigger the device.
4. **COM:** Common ground for control signals.
---
- ⤷
What is the maximum current rating for the FCR-EA-R output?
- ⤷ How do you adjust the over-excitation duration on this controller?
- ⤷ Can the FCR-EA-R be controlled directly by a 24V PLC output?