AI

The **FCR-GWF-R** is an electronic controller commonly used in HVAC systems, specifically for **Fan Coil Unit (FCU)** management. It serves as a gateway/room controller that bridges local environmental control with central building management systems.
---
### 1. Key Electronic Components and Specifications
The device consists of several critical internal and external electronic modules:
| Component Type | Description | Technical Function |
| :--- | :--- | :--- |
| **Microcontroller (MCU)** | Central Processing Unit | Manages logic for temperature control, PID algorithms, and communication protocols. |
| **Wi-Fi Module** | Wireless Connectivity | Typically supports 2.4GHz bands for IoT integration and remote app control. |
| **Relay Outputs** | Mechanical/Solid State Switches | Controls the Fan Speeds (Low, Med, High) and Valve Actuators (Open/Close). |
| **Temperature Sensor** | NTC Thermistor | Usually built-in or external, used to measure ambient room temperature. |
| **LCD Display** | User Interface | Provides visual feedback of setpoints, modes (Heat/Cool), and fan status. |
| **Power Module** | AC-DC Converter | Usually steps down 230V AC or 24V AC to 5V/3.3V DC for the logic board. |
---
### 2. Functional Electronic Features
#### A. Communication Protocols
The "GWF" in the series often signifies **Gateway/Wi-Fi** capabilities.
- **Modbus RTU (RS485):** Many versions include a hardwired RS485 port to talk to a Building Management System (BMS).
- **TCP/IP over Wi-Fi:** Allows connection to cloud platforms or smartphone apps (Tuya/Smart Life/Custom apps).
#### B. Control Logic
- **Fan Control:** 3-speed control logic (SPDT or Multi-relay).
- **Valve Control:** Supports 2-pipe or 4-pipe systems. The electronics send a signal to the motorized valve to regulate water flow based on the temperature differential.
- **EEPROM Memory:** Saves user settings (setpoint, mode) so that data is not lost during a power outage.
---
### 3. Wiring Terminal Breakdown
The electronic terminals at the back of the device generally follow this standard layout:
1. **L / N:** Power input (Line and Neutral).
2. **High / Med / Low:** Outputs to the fan motor.
3. **Val1 / Val2:** Outputs to the cooling/heating valves.
4. **RS485 (A/B):** Data lines for wired network communication.
5. **External Sensor:** Input pins for a remote floor or air probe.
---
### 4. Summary of Operations
The FCR-GWF-R acts as a **feedback loop system**. The NTC sensor converts thermal energy into a resistance value, the MCU calculates the deviation from the user's setpoint, and the relays actuate the high-voltage fan and valve components to achieve the desired climate.
- ⤷
What are the specific wiring requirements for a 4-pipe system using this controller?
- ⤷ How do I pair the FCR-GWF-R with a Wi-Fi network?
- ⤷ Does this model support Modbus RTU integration for BMS?