FCR-H0-R/
AI

The **FCR-H0-R** is an electronic component part number typically associated with **SMD (Surface Mount Device) Fixed Resistors**, specifically manufactured by companies like **ROHM Semiconductor**.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
## 1. Component Identification
The part number follows a specific nomenclature that defines its physical and electrical attributes.
| Feature | Description |
| :--- | :--- |
| **Series** | **FCR** (High power / General purpose thick film) |
| **Size Code** | **H0** (Standard EIA 0805 metric or similar power rating class) |
| **Tolerance/Value** | **-R** (Indicates a Jumper or specific resistance range indicator) |
| **Mounting Type** | SMD / SMT (Surface Mount Technology) |
---
## 2. Technical Specifications
Thick film resistors of this series generally share the following electronic properties:
### Electrical Characteristics
* **Power Rating:** Typically **0.125W (1/8W)** to **0.25W** depending on the specific package size.
* **Operating Voltage:** Usually rated up to **150V - 200V** max.
* **Temperature Coefficient (TCR):** ±100ppm/°C to ±400ppm/°C.
* **Operating Temperature:** Range from **-55°C to +155°C**.
### Physical Construction
1. **Substrate:** High-purity Alumina (Ceramic).
2. **Resistive Element:** Metal glaze (Thick film).
3. **Protective Coating:** Glass or Epoxy resin for environmental protection.
4. **Terminations:** Solder-plated (typically Matte Tin over Nickel) for excellent solderability.
---
## 3. Typical Applications
These parts are "workhorse" components used in high-volume electronics for:
* **Current Limiting:** Protecting LEDs or sensitive IC pins.
* **Voltage Division:** Creating specific reference voltages.
* **Pull-up/Pull-down:** Ensuring stable logic levels in digital circuits.
* **Consumer Electronics:** Found in smartphones, laptops, and household appliances.
---
## 4. Key Advantages
* **Compact Size:** The "H0" footprint allows for high-density PCB layouts.
* **Reliability:** Thick film technology is highly stable against mechanical stress and environmental factors.
* **Automated Assembly:** Designed for high-speed pick-and-place machines and reflow soldering.
---
- ⤷What is the specific resistance value and tolerance for the 'R' suffix in this series?
- ⤷ How does the power rating of the FCR series compare to the MCR series?
- ⤷ Are there specific soldering temperature profiles recommended for the FCR-H0-R?