FCR-J5W-R
AI

The **FCR-J5W-R** is a specific electronic component, typically categorized as a **Cement Fixed Resistor**. These components are widely used in power supply circuits and industrial applications due to their high heat resistance and durability.
---
## 1. Technical Specifications
Below is a breakdown of the typical technical parameters for the FCR series (based on standard industry naming conventions for these power resistors):
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Cement Fixed Resistor (Wirewound or Metal Oxide) |
| **Power Rating** | 5 Watts |
| **Resistance Value** | Defined by "J" (Tolerance) and "R" (Ohms) |
| **Tolerance** | ±5% (indicated by the "J") |
| **Operating Temperature** | -55°C to +155°C (or higher depending on load) |
| **Housing Material** | Ceramic case with Inorganic Silica filler |
---
## 2. Component Breakdown
The part number can be decoded as follows:
* **FCR**: Series name (Flameproof Ceramic Resistor / Cement Resistor).
* **5W**: Power dissipation capacity. It can safely handle up to 5 Watts of power.
* **J**: Tolerance code. In the electronic industry, "J" stands for **±5%**.
* **R**: Indicates the resistance unit (Ohms). If there is a number before it (e.g., 10R), it means 10 Ohms. If it is just "R", it often refers to the decimal point or base resistance.
---
## 3. Key Features
* **Heat Dissipation:** The ceramic (cement) body provides excellent insulation and heat resistance.
* **Flameproof:** Designed to not catch fire even under severe overload conditions.
* **Moisture Resistance:** The inorganic filling protects the internal resistive element from humidity.
* **Safety:** Often used as a "fusible" element in some circuits to protect more expensive components from overcurrent.
---
## 4. Common Applications
These resistors are commonly found in:
1. **Power Supplies:** Used for current sensing or as bleeder resistors.
2. **Motor Controllers:** Providing starting resistance or braking.
3. **Audio Amplifiers:** Used in output stages to stabilize current.
4. **Household Appliances:** Washing machines and air conditioners for power regulation.
---
## 5. Equivalent/Substitution Considerations
If you are looking for a replacement, ensure the following match:
```text
1. Power Rating: Must be 5W or higher.
2. Resistance: Must match the Ohm value exactly.
3. Tolerance: "J" (5%) is standard, but "F" (1%) can be used as an upgrade.
4. Physical Size: Ensure the lead pitch (distance between legs) fits your PCB.
```
- ⤷
What is the specific Ohm value for your version of the FCR-J5W-R?
- ⤷ Do you need help calculating the voltage drop across this 5W resistor?
- ⤷ Are you looking for a surface-mount (SMD) alternative to this through-hole component?