Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • FCRS-12-R

  • AI
    The **FCRS-12-R** is a specific component used in high-precision fluid control systems, typically associated with **Koganeig** or similar pneumatic/electronic automation manufacturers. It functions as a **Flow Rate Sensor** (or Flow Controller) designed to monitor and regulate clean air or nitrogen. --- ### 1. Key Electronic Specifications The "R" suffix usually denotes a specific output configuration (often NPN/PNP open collector or an analog voltage/current output). Below are the typical electronic characteristics: | Parameter | Specification | | :--- | :--- | | **Power Supply Voltage** | 12 to 24V DC (±10%) | | **Current Consumption** | 50 mA or less | | **Output Type** | NPN or PNP Open Collector (Switch) + Analog Output | | **Analog Output Range** | 1 to 5V DC or 4 to 20mA | | **Response Time** | ≤ 50ms (adjustable) | | **Display Type** | Integrated Digital LED/LCD (3.5 digits) | --- ### 2. Internal Electronic Components The device functions through a combination of sensing and processing hardware: * **MEMS Thermal Sensor:** The core electronic part is a Micro-Electro-Mechanical System (MEMS) chip. It uses a heating element and two temperature sensors to measure the "mass flow" of the gas by detecting the heat transfer distribution. * **A/D Converter:** Converts the analog thermopile voltage from the sensor into a digital signal for the microprocessor. * **Microprocessor (MCU):** Performs linearization, temperature compensation, and executes the logic for the digital display and switching outputs. * **Protection Circuitry:** Includes reverse polarity protection and short-circuit protection for the output transistors. --- ### 3. Wiring and Pin Configuration Standard electronic connection involves a 4-wire or 5-wire lead: 1. **Brown:** Power (+) 12-24V DC. 2. **Blue:** Power (-) 0V / GND. 3. **Black:** Control Output (Switching signal for PLC). 4. **White:** Analog Output (1-5V or 4-20mA for data logging). --- ### 4. Electronic Advantages * **High Sensitivity:** Can detect minute changes in gas flow that traditional mechanical gauges miss. * **Digital Integration:** The electronic output allows for direct integration into a PLC (Programmable Logic Controller) for automated industrial cycles. * **Repeatability:** Electronic sensing eliminates the wear-and-tear issues found in mechanical rotameters. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum flow range supported by the FCRS-12-R series?
    • ⤷ How do you calibrate the analog output for a PLC input?
    • ⤷ What is the difference between the NPN and PNP wiring models for this sensor?