FCRS-32-R
AI

The **FCRS-32-R** typically refers to a high-precision **Current Sensing Resistor** or a specific **Film Resistor** series (often associated with brands like Ohmite or specialized electronic component manufacturers).
Below is an explanation of its primary electronic characteristics and specifications.
---
### 1. General Specifications
The "32" in the part number usually denotes the physical size (in this case, the **1206** metric equivalent or a specific power rating package), while the "R" indicates the resistance value or a specific tolerance/packaging code.
| Feature | Description |
| :--- | :--- |
| **Component Type** | Fixed Resistor / Current Sense Resistor |
| **Technology** | Thick Film or Metal Foil |
| **Resistance Range** | Typically low-ohm (milliohms to few ohms) |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Power Rating** | Usually ranges from 0.25W to 1W depending on specific series |
### 2. Key Electronic Parameters
#### A. Resistance Value (The "R")
The "R" in the suffix typically acts as a decimal point for Ohms. For example:
* **0R01**: 0.01 Ohms (10mΩ)
* **R100**: 0.1 Ohms (100mΩ)
* **1R00**: 1.0 Ohm
#### B. Tolerance
These parts are designed for precision measurement. Common tolerance levels include:
* **F (±1%)** - Most common for current sensing.
* **J (±5%)** - General purpose.
#### C. Temperature Coefficient of Resistance (TCR)
Since these parts are often used for current sensing, they feature a low TCR (measured in **ppm/°C**). This ensures that the resistance does not fluctuate wildly as the component heats up due to current flow, maintaining measurement accuracy.
### 3. Applications
The FCRS series is primarily used in circuits where monitoring current is essential:
1. **Battery Management Systems (BMS):** Measuring charge and discharge rates.
2. **DC-DC Converters:** Providing feedback for current-mode control.
3. **Motor Control:** Detecting overcurrent conditions to protect the motor.
4. **Power Supplies:** Regulating output current.
---
### 4. Typical Internal Construction
* **Substrate:** High-purity Alumina ($Al_2O_3$) for heat dissipation.
* **Resistive Element:** Metal alloy or thick film paste.
* **Terminations:** Wrapped-around terminals with a nickel barrier and tin (Sn) finish for reliable soldering.
- ⤷
What is the exact resistance value of your specific FCRS-32-R unit?
- ⤷ How does a current sense resistor differ from a standard pull-up resistor?
- ⤷ What are the power rating limitations for the 1206/32 size package?