Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • FCRS-33-R

  • AI
    ### Overview of the FCRS-33-R The **FCRS-33-R** is a specialized electronic component, typically categorized as a **Surface Mount (SMD) Current Sense Resistor**. These components are designed to measure current flow in a circuit by converting it into a proportional voltage drop, which can then be monitored by a microcontroller or power management IC. --- ### Technical Specifications The "FCRS" series generally refers to **Flip-Chip Resistors**, which are engineered for high-power density and low inductance. Below are the typical electronic characteristics: | Feature | Description | | :--- | :--- | | **Component Type** | Current Sense Resistor (Shunt) | | **Construction** | Metal Plate or Thick Film (Flip-Chip) | | **Resistance Value** | Typically in the milliohm (mΩ) range | | **Tolerance** | Usually ±1% or ±5% | | **Power Rating** | High wattage relative to size (e.g., 0.5W to 2W) | | **Mounting Style** | Surface Mount Device (SMD/SMT) | --- ### Key Electronic Attributes #### 1. Low Inductance Design Because it uses a flip-chip or metal-plate construction, the parasitic inductance is minimized. This is critical for high-frequency switching applications where signal integrity is paramount. #### 2. Thermal Management The "R" in the suffix often denotes high-reliability or specific reel packaging, but the physical part is designed to dissipate heat efficiently. The flip-chip architecture allows the heat to transfer directly into the PCB traces. #### 3. Precision Measurement The device acts as a **Shunt Resistor**. By applying Ohm's Law ($V = I \times R$), the circuit calculates the current ($I$) by measuring the voltage drop ($V$) across the known resistance ($R$). --- ### Common Applications * **Battery Management Systems (BMS):** Monitoring charge and discharge cycles. * **DC-DC Converters:** Providing feedback for overcurrent protection. * **Motor Controllers:** Sensing phase currents to regulate speed and torque. * **Power Supplies:** Load monitoring and regulation. --- ### Example Circuit Integration In a typical application, the FCRS-33-R is placed in series with the load: ```cpp // Logic for Current Calculation (Conceptual) float resistance = 0.033; // Example: 33 milliohms float voltageDrop = readAdcVoltage(); float current = voltageDrop / resistance; if (current > safetyLimit) { shutDownSystem(); } ```
    ✨ Follow-up Questions
    • ⤷What is the exact resistance value of the FCRS-33-R in milliohms?
    • ⤷ Which manufacturer produces the FCRS series resistors?
    • ⤷ How does the flip-chip design improve performance compared to standard SMD resistors?