FCRS-40-R
AI

The **FCRS-40-R** is an electronic component primarily classified as a **High-Frequency/Standard Resistance Chip Resistor** or a specific type of **Current Sensing Resistor**, often utilized in power management and signal processing applications.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. Key Technical Specifications
The part number "FCRS-40-R" typically corresponds to a fixed resistor with the following attributes:
| Feature | Description |
| :--- | :--- |
| **Component Type** | Current Sense Chip Resistor (Metal Foil/Film) |
| **Resistance Value** | Determined by internal coding (Standard ranges vary) |
| **Tolerance** | Usually ±1% or ±5% (Standard Precision) |
| **Power Rating** | Often 1W to 2W (depending on the package size) |
| **Operating Temperature** | -55°C to +155°C |
| **Termination Material** | Lead-free (RoHS Compliant) Matte Tin over Nickel |
---
### 2. Functional Electronic Parts
The FCRS-40-R is constructed using several layers that work together to provide stable electrical performance:
* **Resistive Element:** Typically made of a Metal Foil or thick film alloy. This element determines the precision and the Temperature Coefficient of Resistance (TCR).
* **Substrate:** A high-grade Alumina ($Al_2O_3$) ceramic base that provides insulation and high thermal conductivity to dissipate heat.
* **Protective Coating:** An epoxy or glass overcoat that shields the resistive element from humidity, oxidation, and mechanical damage.
* **Terminations:** Multi-layered end electrodes (Inner electrode, Nickel barrier, and Solder plating) to ensure robust solderability and prevent "leaching" during the assembly process.
---
### 3. Application Use Cases
In an electronic circuit, the FCRS-40-R is used for:
1. **Current Sensing:** Measuring the voltage drop across the resistor to calculate current flow in battery management systems.
2. **Power Inverters:** Monitoring output stages to prevent over-current conditions.
3. **DC-DC Converters:** Providing feedback loops for voltage regulation.
---
### 4. Part Number Breakdown (Generic Structure)
While manufacturer codes vary slightly, the "FCRS" series generally follows this logic:
```text
FCRS - 40 - R
| | |
| | +-- Resistance / Packaging Code (e.g., Tape & Reel)
| +------- Size Code (e.g., 40 refers to 2010 or 2512 metric equivalents)
+-------------- Series Prefix (Flip Chip / Current Sense Resistor)
```
- ⤷
What is the exact resistance value of the R suffix in this specific manufacturer's catalog?
- ⤷ What are the recommended soldering profiles for FCRS series resistors?
- ⤷ How does the TCR (Temperature Coefficient) affect the accuracy of the FCRS-40-R in high-heat environments?