AI

The **FCRS-45-R** is an industrial-grade **Compact Robot Controller** designed by FANUC. It is primarily used with small-scale industrial robots (such as the LR Mate series) to manage power distribution, motion control, and safety protocols.
Below is a breakdown of its primary electronic components and systems.
---
## 1. Core Electronic Components
The FCRS-45-R integrates high-voltage power management with low-voltage logic processing.
| Component | Description | Function |
| :--- | :--- | :--- |
| **Main CPU Card** | High-speed microprocessor | Processes motion planning, I/O logic, and program execution. |
| **Servo Amplifier** | Integrated multi-axis drive | Converts DC power into controlled AC current to drive the robot's motors. |
| **Power Supply Unit (PSU)** | AC/DC Converter | Steps down incoming line voltage (e.g., 200V) to internal 24V DC for logic. |
| **Emergency Stop Board** | Redundant safety circuit | Manages hardware-level safety interrupts and fence signals. |
| **Regenerative Resistor** | Heat dissipation unit | Absorbs excess energy generated when the robot decelerates quickly. |
---
## 2. Technical Specifications
The electronics are designed for high efficiency in a small footprint.
* **Input Power:** Typically single-phase or three-phase AC 200–230V (+10%, -15%).
* **Safety Category:** Built to meet ISO 13849-1 standards (Performance Level e).
* **Cooling System:** Internal heat sinks and cooling fans to prevent thermal throttling of the power electronics.
---
## 3. Communication and I/O Interfaces
The controller acts as the central hub for all electronic signals within the robotic cell.
### Hardware Ports:
1. **Ethernet:** Used for Host communication, FTP file transfers, and Vision (iRVision).
2. **Teach Pendant Port:** Provides power and data signals to the handheld HMI device.
3. **Peripheral I/O:** 24V digital inputs/outputs for interacting with grippers, sensors, and PLC systems.
4. **Encoder Feedback:** High-resolution serial communication between the robot's motors and the controller's servo board.
---
## 4. Maintenance & Diagnostic Parts
The FCRS-45-R features several electronic consumables that require periodic inspection:
* **Backup Battery:** A lithium battery (usually 3V) maintains the CMOS memory (SRAM) and robot position data when the main power is off.
* **Fused Circuits:** Protects the internal boards against overcurrent or short circuits in the peripheral cables.
* **Status LEDs:** On-board diagnostic lights indicate the health of the Power, Error, and Network status.
- ⤷
What are the most common error codes associated with the FCRS-45-R servo amplifier?
- ⤷
How do you replace the backup battery without losing the robot's mastering data?
- ⤷
Does the FCRS-45-R support EtherNet/IP or PROFINET communication protocols?