FCRS-4G-R
AI

The **FCRS-4G-R** is a specialized cellular communications module, typically part of a Fire Alarm Control System (FACS) or security monitoring ecosystem. It acts as a primary or backup communication path, using 4G LTE technology to transmit alarm signals to a Central Station.
---
### Core Electronic Components
| Component | Description | Function |
| :--- | :--- | :--- |
| **4G LTE Modem** | Multi-band cellular transceiver. | Facilitates high-speed data transmission over cellular networks (AT&T/Verizon). |
| **Microcontroller (MCU)** | On-board processor. | Manages logic, signal encoding, and communication protocols between the panel and the network. |
| **SIM Card Slot** | Mini or Micro SIM interface. | Holds the subscriber identity module required for network authentication. |
| **Status LEDs** | Diagnostic light-emitting diodes. | Visual indicators for Signal Strength (RSSI), Power, and Communication Status. |
| **Antenna Interface** | SMA or U.FL connector. | Connects to an external or internal high-gain antenna for signal reception. |
---
### Key Technical Specifications
* **Communication Protocol:** 4G LTE (with 3G fallback in some legacy versions).
* **Operating Voltage:** Typically 12V DC or 24V DC (sourced directly from the fire panel's data bus).
* **Current Draw:** Low standby current with peaks during active transmission (bursts).
* **Interface:** Connects via a proprietary data bus (e.g., RS-485 or TTL) to the main fire alarm motherboard.
---
### Functional Logic
1. **Input:** The module monitors the fire panel via the serial interface or "Dry Contact" inputs.
2. **Encryption:** Data is encrypted (often AES 128/256) to ensure secure transmission of life-safety data.
3. **Redundancy:** If the primary phone line or IP connection fails, the FCRS-4G-R triggers the cellular path immediately.
4. **Reporting:** It sends "Contact ID" or "SIA" format messages to the receiver at the monitoring center.
---
### Maintenance and Troubleshooting
```bash
# Common LED Status Codes (Varies by Manufacturer)
GREEN (Steady) -> System Normal / Connected
RED (Blinking) -> Communication Failure
YELLOW (Blink) -> Low Signal Strength / Searching
```
- ⤷
How do I check the signal strength (RSSI) on the FCRS-4G-R?
- ⤷ Is the FCRS-4G-R compatible with 5G networks?
- ⤷ What are the power consumption requirements for this module?