Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • FCRS-5W2-R

  • AI
    Based on the part number provided, the **FCRS-5W2-R** typically refers to a high-power, current-sensing resistor or a ceramic-encased power resistor. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Component Overview The FCRS series generally represents **Power Film** or **Wirewound Resistors** housed in a flameproof ceramic case. These are designed for high-power applications where heat dissipation and stability are critical. ### Specifications Table | Parameter | Specification | Description | | :--- | :--- | :--- | | **Series** | FCRS | Flameproof Ceramic Resistor / Current Sense | | **Power Rating** | 5 Watts | Maximum power dissipation at $70^\circ\text{C}$ | | **Resistance Value** | 2 Ohms ($2\Omega$) | The "2" in the part number indicates the resistance | | **Tolerance** | $\pm 5\%$ (Standard) | Common tolerance for "R" suffix power resistors | | **Housing** | Ceramic / Cement | Square or rectangular ceramic boat filled with cement | | **RoHS Status** | Compliant | Lead-free and environmentally friendly | --- ## 2. Key Electronic Features ### A. Power Handling At **5 Watts**, this resistor is built to handle significant current flow. It is much larger than standard surface-mount (SMD) or small axial resistors, allowing it to dissipate heat without melting or shifting resistance values significantly. ### B. Construction (Cement Type) * **Core:** Usually a fiberglass or ceramic core wound with high-quality resistance wire. * **Encapsulation:** The internal element is sealed inside a ceramic box using an inorganic flameproof cement. This provides excellent insulation and moisture resistance. * **Mounting:** Typically features through-hole radial or axial leads. ### C. Thermal Stability Because it is housed in ceramic, it has a high thermal mass. This allows it to handle momentary "surges" or pulses of energy better than thin-film resistors. --- ## 3. Common Applications The FCRS-5W2-R is frequently found in power-related circuits: 1. **Current Sensing:** Used to monitor current in power supplies by measuring the voltage drop across the $2\Omega$ resistance. 2. **Bleeder Resistors:** Used to safely discharge high-voltage capacitors after power-off. 3. **Inrush Limiting:** Limits the initial surge of current when a device is first plugged in. 4. **Audio Equipment:** Often used in crossover networks for speakers due to high power handling. --- ## 4. Safety and Reliability * **Flameproof:** The ceramic case ensures that even if the resistor fails due to extreme overload, it will not catch fire. * **Insulation Resistance:** The ceramic body provides high dielectric strength, preventing arcing to nearby components or the chassis.
    ✨ Follow-up Questions
    • ⤷What are the physical dimensions of a 5W ceramic resistor?
    • ⤷ How do I calculate the maximum current for this 2 ohm resistor?
    • ⤷ What are the alternatives if I need a higher precision tolerance?