Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • FCRS-B4-R

  • AI
    The **FCRS-B4-R** is an electronic component typically associated with industrial automation and control systems. Based on industrial nomenclature, it is frequently identified as a **Connector Terminal Block** or a **Relay Interface Module** used to bridge PLC (Programmable Logic Controller) outputs to field devices. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Core Specifications The "B4" in the model name usually refers to a 4-channel configuration, while the "R" often signifies a Relay-based output. | Feature | Specification | | :--- | :--- | | **Number of Channels** | 4 Channels | | **Input Voltage** | Typically 24V DC (Common for PLC Logic) | | **Switching Element** | Electromagnetic Relay | | **Mounting Type** | DIN Rail (Standard 35mm) | | **Terminal Type** | Screw or Spring-clamp terminals | | **Contact Rating** | Usually 5A to 10A at 250V AC / 30V DC | --- ## 2. Key Electronic Components ### A. Electromagnetic Relays The heart of the module. These provide **Galvanic Isolation** between the low-power control circuit (PLC) and the high-power load circuit (Motors, Solenoids, Heaters). This protects the controller from electrical surges. ### B. Status Indicators (LEDs) Each channel is equipped with an LED (usually green or red) to indicate the status of the input signal. * **LED ON:** The coil is energized, and the contact is closed. * **LED OFF:** The circuit is open. ### C. Protection Circuitry * **Freewheeling Diodes (Flyback Diodes):** Placed across the relay coil to suppress voltage spikes when the coil is de-energized. * **Varistors/RC Snubbers:** Some versions include these to protect the contacts from arcing when switching inductive loads. ### D. PCB Architecture The board uses heavy-duty copper traces for the output side to handle high current, while the input side uses fine traces for logic signals. --- ## 3. Connection Interface The FCRS-B4-R generally follows this wiring logic: 1. **Input Side (CN1):** Often uses a ribbon cable or a multi-pin connector to interface directly with PLC output modules (e.g., Mitsubishi, Omron, or Siemens). 2. **Output Side (Terminals):** Individual screw terminals for: * **COM:** Common terminal. * **NO:** Normally Open contact. * **NC:** Normally Closed contact (optional depending on specific model). --- ## 4. Typical Applications * **PLC Expansion:** Increasing the current capacity of a PLC's internal transistor outputs. * **Signal Conversion:** Converting a 24V DC logic signal into a 220V AC power switch. * **Maintenance:** Providing a modular way to replace individual relays without rewiring the entire system.
    ✨ Follow-up Questions
    • ⤷What is the maximum switching frequency for the FCRS-B4-R relays?
    • ⤷ Can this module be used with AC input signals instead of 24V DC?
    • ⤷ What are the specific dimensions for DIN rail mounting?