FCRS-F1-R
AI

The **FCRS-F1-R** is an electronic component primarily associated with the **FCRS series (Flex-to-Board / FPC Connectors)** by manufacturers like JAE (Japan Aviation Electronics) or similar industrial hardware suppliers. It is a high-performance connector designed for compact electronic assemblies.
---
### 1. Technical Specifications
The following table outlines the typical electronic and physical characteristics of this part:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | FPC/FFC Connector (Flexible Printed Circuit) |
| **Series** | FCRS Series |
| **Mounting Type** | Surface Mount (SMT) |
| **Pitch** | Typically 0.5mm or 1.0mm (varies by sub-model) |
| **Termination** | Solder |
| **Orientation** | Right Angle (R designation) |
| **Contact Material** | Copper Alloy with Gold Plating |
---
### 2. Key Electronic Components & Design
The FCRS-F1-R consists of several critical sub-elements that define its performance:
#### A. Contact Terminals
* **Material:** Usually phosphor bronze or copper alloy.
* **Plating:** Gold plating is used to ensure high conductivity and prevent oxidation over long periods.
* **Function:** Provides the electrical bridge between the flexible circuit and the rigid PCB.
#### B. Housing (Insulator)
* **Material:** High-temperature thermoplastic (e.g., LCP - Liquid Crystal Polymer).
* **Function:** Maintains electrical isolation between pins and withstands the heat of reflow soldering.
#### C. Locking Mechanism (Actuator)
* The "F1" designation often refers to a specific locking style, such as a **flip-lock** or **ZIF (Zero Insertion Force)** mechanism.
* This allows the FPC cable to be inserted with no friction, and then locked into place to ensure a constant electrical connection.
---
### 3. Application Use Cases
Because of its small footprint and "Right Angle" (R) orientation, it is commonly used in:
* **Handheld Devices:** Smartphones, tablets, and digital cameras.
* **Display Modules:** Connecting LCD/OLED screens to the main logic board.
* **Automotive Electronics:** Infotainment systems and dashboard sensors where space is tight.
---
### 4. Implementation Example (PCB Footprint)
When designing a PCB for this part, the landing pattern must account for the SMT pads.
```c
// Example PAD dimensions for a 0.5mm pitch FPC connector
Pad_Width = 0.30mm;
Pad_Length = 1.50mm;
Gap_Between_Pads = 0.20mm;
```
---
- ⤷
What is the maximum current rating for the FCRS-F1-R series?
- ⤷ How does the 'Right Angle' mounting affect signal integrity compared to vertical mounting?
- ⤷ What are the recommended soldering temperature profiles for LCP housing connectors?