Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • FCRS-FW4-R

  • AI
    The **FCRS-FW4-R** is a specific electronic component primarily associated with the **Hitachi FCRS series**, often used in industrial automation, PLC (Programmable Logic Controller) systems, or specialized control interfaces. --- ### 1. Component Overview The FCRS-FW4-R is typically categorized as a **terminal block converter** or a **ribbon cable interface module**. It serves as a bridge between high-density controller connectors and standard discrete wiring. | Feature | Specification | | :--- | :--- | | **Manufacturer** | Hitachi (or authorized partners like MiSumi/Fujitsu) | | **Connector Type** | MIL Connector (Ribbon Cable) to Terminal Block | | **Mounting Type** | DIN Rail Mountable | | **Application** | Industrial Control Systems / PLC I/O | --- ### 2. Key Electronic Parts & Construction The device consists of several critical layers and electronic interfaces: #### A. The Interface Connector The "FW4" designation usually refers to a **40-pin MIL (Military Standard) connector**. This allows a single ribbon cable to carry 32 standard I/O signals plus power and ground lines from a PLC module to the board. #### B. Terminal Block Array The "R" suffix often indicates a **Relay** or **Resistor** integrated board, or simply a specific **Right-angle** or **Reverse** orientation. * **Screw Terminals:** Provides a physical interface for field wiring (sensors, actuators). * **PCB Traces:** High-quality copper traces designed to handle specific voltage levels (usually 24V DC). #### C. Protective Components To ensure industrial reliability, the internal PCB often includes: 1. **Flyback Diodes:** If used for inductive loads (relays), these prevent voltage spikes. 2. **LED Indicators:** Many versions include SMD LEDs to show the status of each I/O point. 3. **Isolation:** Physical spacing on the PCB to prevent cross-talk between high-speed signal lines. --- ### 3. Connection Mapping Usually, the FCRS-FW4-R maps the high-density pins as follows: | Pin Range | Function | | :--- | :--- | | **1 - 32** | Digital I/O Signals (Input or Output depending on PLC) | | **33 - 36** | Common (COM) / Ground (GND) | | **37 - 40** | Power Supply (VCC / +24V) | --- ### 4. Technical Usage Scenarios * **PLC Expansion:** Connecting a Hitachi EH-150 or similar PLC series to external field devices. * **Wiring Efficiency:** Reducing the "nest" of wires by using a single ribbon cable to span the distance between the controller and the terminal rail. * **Maintenance:** Allowing for quick disconnection of the entire I/O block via the 40-pin connector without unscrewing individual field wires.
    ✨ Follow-up Questions
    • ⤷ What is the maximum voltage and current rating for the FCRS-FW4-R terminals?
    • ⤷ Which specific Hitachi PLC series is this component most compatible with?
    • ⤷ Is there a version of this board that includes integrated mechanical relays?