Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • FCRS-K0-R

  • AI
    The **FCRS-K0-R** is an electronic component typically associated with high-frequency signal management, specifically categorized as a **Directional Coupler** or a specific **RF Filter/Coupler module** used in telecommunications and broadcasting equipment. Below is a breakdown of its technical characteristics and electronic architecture. --- ### 1. Technical Specifications The FCRS series is often utilized in CATV (Cable TV) systems and broadband communication networks. | Feature | Description | | :--- | :--- | | **Component Type** | Directional Coupler / Power Splitter | | **Housing** | Surface Mount Device (SMD) or Plug-in Module | | **Impedance** | Standard 75 Ohms (Typical for CATV/RF) | | **Frequency Range** | 5 MHz to 1000+ MHz (Broadband) | | **Compliance** | RoHS Compliant (indicated by the "-R" suffix) | --- ### 2. Key Electronic Functions The FCRS-K0-R performs several critical roles within a circuit: * **Signal Sampling:** It allows for the extraction of a small portion of the signal from the main transmission line for monitoring or feedback purposes without significantly disrupting the original signal. * **Directionality:** It is designed to pass signals in one direction with minimal loss while providing high isolation for signals traveling in the opposite direction. * **Power Distribution:** In multi-subscriber environments, it helps distribute the RF signal across different ports while maintaining signal integrity. --- ### 3. Component Architecture Inside the FCRS-K0-R, the electronic structure generally consists of: 1. **Ferrite Cores:** Used to wind miniature transformers that handle the impedance matching and coupling. 2. **Capacitors/Resistors:** Internal SMD passive components used for fine-tuning the frequency response and ensuring the 75-ohm termination. 3. **Substrate:** A high-frequency PCB material that minimizes dielectric loss. --- ### 4. Part Number Breakdown (Typical) | Segment | Meaning | | :--- | :--- | | **FC** | Filter/Coupler series designation | | **RS** | Specific package style or mounting type | | **K0** | Performance Grade / Coupling Value (e.g., 10dB, 12dB) | | **-R** | RoHS Compliant (Lead-free) | ---
    ✨ Follow-up Questions
    • ⤷What is the specific insertion loss for the FCRS-K0-R?
    • ⤷ Is this component compatible with 50-ohm RF systems?
    • ⤷ Which manufacturers typically produce this part number?