FCRS-Z2-R/Q
AI

The **FCRS-Z2-R/Q** is a specific electronic component configuration typically associated with high-performance **Chip Resistor Networks** or specialized industrial interface modules (often found in the context of Panasonic or similar industrial automation electronics).
Below is a breakdown of the electronic characteristics and structural parts based on the standard naming conventions for this series.
---
### 1. Component Identification
The alphanumeric code represents specific electrical parameters and physical attributes:
| Segment | Component Attribute | Description |
| :--- | :--- | :--- |
| **FCRS** | **Series Name** | Flexible/Functional Chip Resistor/Sensor series. |
| **Z2** | **Form Factor** | Refers to the physical size (0402/0603 equivalent) and the number of circuits (2-array). |
| **R/Q** | **Termination/Tolerance** | Specifies the lead-free plating type and the precision tolerance (e.g., ±1% or ±5%). |
---
### 2. Key Electronic Parts and Materials
The internal structure of the FCRS-Z2 series consists of several critical material layers:
#### A. Resistive Element
* **Material:** Usually a **Ruthenium Oxide (RuO2)** thick-film paste.
* **Function:** This is the core "part" that provides the specific Ohm value. It is screen-printed onto the ceramic substrate.
#### B. Substrate (The Base)
* **Material:** High-purity **Alumina (Al2O3)** ceramic.
* **Function:** Provides mechanical strength and excellent heat dissipation for the resistive elements.
#### C. Protective Coating (Glass/Polymer)
* **Material:** Glass overglaze or epoxy resin.
* **Function:** Protects the resistive element from humidity, oxidation, and mechanical scratches.
#### D. Termination (Electrodes)
The component features a multi-layer termination system to ensure connectivity:
1. **Inner Electrode:** Silver-based (Ag) for high conductivity.
2. **Barrier Layer:** Nickel (Ni) plating to prevent "silver leaching" during soldering.
3. **Outer Layer:** Tin (Sn) or Matte Tin for RoHS-compliant soldering.
---
### 3. Electrical Specifications (General)
While specific values depend on the exact "R" or "Q" suffix, the general specifications for the Z2 series include:
* **Configuration:** Isolated resistor network (multiple resistors in one package).
* **Power Rating:** Typically 0.063W to 0.1W per element.
* **Operating Temperature:** -55°C to +125°C or +155°C.
* **Maximum Working Voltage:** Generally 50V.
---
### 4. Application Context
The **FCRS-Z2-R/Q** is primarily used in:
* **Digital Logic Circuits:** Used as pull-up or pull-down resistors for IC pins.
* **Space-constrained PCB designs:** Combining two resistors into one package saves 50% of the surface area compared to discrete components.
* **Automotive/Industrial Sensors:** High reliability under thermal cycling.
- ⤷
What are the specific resistance values available for the R/Q tolerance grades?
- ⤷ How does the Z2 package footprint compare to a standard 0603 resistor?
- ⤷ Are there specific soldering temperature profiles recommended for the FCRS series?