FDVE0630-H-R33M
AI

The **FDVE0630-H-R33M** is a high-current, shielded power inductor manufactured by **Murata Electronics** (formerly Toko). It is designed primarily for DC-DC converter applications where space is limited and efficiency is critical.
---
### 1. Technical Specifications
Below are the key electrical and physical parameters for the component:
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 0.33 µH |
| **Tolerance** | ±20% |
| **Rated Current (Isat)** | 22.0 A (Saturation) |
| **Rated Current (Itemp)** | 16.0 A (Temperature Rise) |
| **DC Resistance (DCR)** | 2.1 mΩ (Max) |
| **Operating Temperature** | -40°C to +125°C |
| **Package / Case** | 2524 (6.3mm x 6.0mm x 3.0mm) |
| **Shielding** | Shielded (Metal Alloy Core) |
---
### 2. Key Features & Construction
* **Metal Alloy Core:** Unlike traditional ferrite inductors, this part uses a metal alloy powder core. This provides "soft saturation" characteristics, meaning the inductance drops gradually rather than abruptly as current increases.
* **Magnetic Shielding:** The construction minimizes Electromagnetic Interference (EMI), making it suitable for high-density PCB layouts near sensitive components.
* **Low DCR:** The extremely low DC resistance (2.1mΩ) minimizes power loss due to heat, significantly increasing the efficiency of power supplies.
* **AEC-Q200 Qualified:** Often used in automotive applications due to its high reliability and resistance to thermal shock and vibration.
---
### 3. Common Applications
This inductor is typically found in high-frequency switching regulators, specifically:
1. **CPU/GPU Power Supplies:** Used in VRMs (Voltage Regulator Modules) for servers and laptops.
2. **Automotive Electronics:** Infotainment systems, ADAS, and ECU power rails.
3. **Telecom Infrastructure:** High-efficiency DC-DC converters in base stations.
4. **Battery Powered Devices:** Where high peak currents are required in a small form factor.
---
### 4. Footprint and Mounting
The device uses an **SMD (Surface Mount Device)** landing pattern. The "0630" in the part number refers to its dimensions:
* **Length:** 6.3 mm
* **Width:** 6.0 mm
* **Height:** 3.0 mm
- ⤷
What is the difference between Isat and Itemp for this inductor?
- ⤷ Can this inductor be used in high-frequency automotive applications?
- ⤷ What are the recommended landing patterns for the FDVE0630 series?