FF0841SA1-R3000
AI

The **FF0841SA1-R3000** is a specialized electronic component primarily used in high-density electronic assemblies. Based on its nomenclature, it is a **Flexible Printed Circuit (FPC) Connector** manufactured by JAE (Japan Aviation Electronics Industry).
---
### ## Technical Specifications
Below are the primary technical characteristics of the FF08 series connector:
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | FPC (Flexible Printed Circuit) Connector |
| **Pitch** | 0.5 mm (High density) |
| **Mounting Orientation** | Right Angle (Horizontal) |
| **Contact Points** | Bottom Surface Contacts |
| **Locking Mechanism** | Front Flip (ZIF - Zero Insertion Force) |
| **Height** | 0.9 mm (Ultra low profile) |
| **Number of Positions** | 41 Pins |
| **Packaging** | Tape and Reel (3,000 pieces per reel) |
---
### ## Key Structural Components
1. **Insulator/Housing:** Made of high-temperature heat-resistant plastic (typically LCP - Liquid Crystal Polymer) to withstand SMT (Surface Mount Technology) reflow soldering.
2. **Actuator:** A flip-lock lever that simplifies the insertion of the FPC cable and provides high retention force once closed.
3. **Contacts:** Copper alloy with gold plating to ensure high conductivity and prevent oxidation over time.
4. **Hold-downs:** Metallic tabs on the sides of the connector that provide mechanical stability when soldered to the PCB, preventing the connector from peeling off under stress.
---
### ## Application Areas
Due to its thin profile and high pin count, this part is commonly found in:
* **Mobile Devices:** Connecting LCD screens or camera modules to the main logic board.
* **Laptops/Tablets:** Internal wiring for keyboards, touchpads, and secondary sensor boards.
* **Wearables:** Compact medical devices or smartwatches where vertical space is limited.
---
### ## Usage Notes
* **ZIF Mechanism:** This is a "Zero Insertion Force" connector. The actuator must be opened before inserting the FPC to avoid damaging the delicate gold traces on the ribbon cable.
* **Contact Orientation:** This specific model is a **Bottom Contact** type, meaning the gold fingers on the FPC cable must face downwards toward the PCB surface.
---
- ⤷
What is the difference between Top Contact and Bottom Contact FPC connectors?
- ⤷ How does the ZIF locking mechanism differ from a LIF mechanism?
- ⤷ What are the recommended soldering temperature profiles for this JAE connector?