Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • FF20-24A-R11A

  • AI
    ### Overview of the FF20-24A-R11A The **FF20-24A-R11A** is a specialized electronic component primarily categorized as a **Flexible Printed Circuit (FPC) Connector**. It is designed for high-density electronic assemblies where space-saving and reliable signal transmission are critical. --- ### Technical Specifications The following table outlines the key technical parameters of the FF20-24A-R11A: | Feature | Specification | | :--- | :--- | | **Number of Contacts** | 24 Pins | | **Pitch** | 0.5 mm | | **Connector Type** | ZIF (Zero Insertion Force) | | **Actuator Style** | Flip-lock / Back-lock mechanism | | **Mounting Type** | Surface Mount (SMT), Right Angle | | **Contact Material** | Copper Alloy (typically Gold plated) | | **Current Rating** | 0.5A per contact | | **Voltage Rating** | 50V AC/DC | --- ### Key Features and Mechanics #### 1. Zero Insertion Force (ZIF) The "ZIF" designation means that no mechanical pressure is applied to the FPC cable during insertion. A locking lever (actuator) is used to clamp the cable after it is positioned, preventing wear on the delicate gold-plated fingers of the flexible cable. #### 2. Compact Form Factor With a **0.5mm pitch**, this connector is designed for miniaturized devices. The right-angle orientation allows the FPC to run parallel to the Printed Circuit Board (PCB), saving vertical height. #### 3. Material Composition * **Housing:** High-temperature thermoplastic (LCP - Liquid Crystal Polymer) to withstand SMT reflow soldering temperatures. * **Contacts:** High-conductivity copper alloy with gold plating to prevent oxidation and ensure stable data transfer. --- ### Typical Applications This part is commonly found in consumer electronics where thinness is a priority: * **Mobile Devices:** Connecting LCD screens or camera modules to the main logic board. * **Laptops/Tablets:** Internal wiring for keyboards and touchpads. * **Wearables:** Smartwatches and medical sensors. * **Automotive:** Dashboard displays and infotainment systems. --- ### Comparison with Similar Parts | Part Number | Pitch | Pins | Mounting Style | | :--- | :--- | :--- | :--- | | **FF20-24A-R11A** | 0.5mm | 24 | Right Angle, SMT | | **FF20-30A-R11A** | 0.5mm | 30 | Right Angle, SMT | | **FF20-24A-R12** | 0.5mm | 24 | Variation in plating/packaging |
    ✨ Follow-up Questions
    • ⤷ What is the recommended soldering profile for the FF20-24A-R11A?
    • ⤷ Does this connector support top or bottom contact orientation?
    • ⤷ What are the common failure modes for ZIF connectors in high-vibration environments?