FF20-32A-R11A
AI

The **FF20-32A-R11A** is a specific surface-mount electronic connector manufactured by **DDK (Dai-Ichi Denshi Kogyo)**. It belongs to the FF20 series, which is designed for connecting Flexible Printed Circuits (FPC) and Flexible Flat Cables (FFC).
---
### 1. Technical Specifications
Below is a breakdown of the core electronic and mechanical parameters for this component:
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | FPC / FFC Connector |
| **Number of Pins** | 32 Pins |
| **Pitch Distance** | 0.5 mm |
| **Orientation** | Right Angle (Horizontal) |
| **Mounting Type** | Surface Mount (SMT) |
| **Contact Type** | Bottom Contact |
| **Actuator Type** | ZIF (Zero Insertion Force) Flip-Lock |
| **Current Rating** | 0.5A AC/DC |
| **Voltage Rating** | 50V AC/DC |
---
### 2. Key Design Characteristics
* **ZIF Mechanism:** It uses a Zero Insertion Force (ZIF) mechanism. This means that when the actuator is open, there is no friction when inserting the cable, preventing wear on the delicate FPC/FFC gold fingers.
* **Space-Saving Height:** The FF20 series is known for its low-profile design (typically around 0.9mm to 1.2mm in height), making it ideal for thin consumer electronics.
* **Flip-Lock Actuator:** The "R11A" designation often refers to the specific locking style. In this case, it utilizes a rotating flip-lock that secures the cable firmly against the bottom contacts.
* **Bottom Contact:** The electrical contact points are located on the bottom side of the connector interior. This requires the FPC cable to be inserted with the metallic pads facing **downward**.
---
### 3. Common Applications
Due to its high pin density (32 pins) and 0.5mm pitch, this part is commonly found in:
1. **Mobile Devices:** Connecting LCD screens or touch panels to the main PCB.
2. **Laptops/Tablets:** Internal wiring for keyboards, trackpads, and daughterboards.
3. **Digital Cameras:** Connecting image sensors or control button modules.
4. **Medical Equipment:** High-density signal routing in portable diagnostic tools.
---
### 4. Footprint and Soldering
When designing a PCB for this part, engineers must ensure the footprint follows the 0.5mm pitch spacing. The metal tabs on the sides (Solder Tabs) are purely for mechanical strength to prevent the connector from being ripped off the board during cable insertion/extraction.
```text
PCB Pad Layout Note:
- Signal Pads: 32 x 0.3mm wide pads
- Pitch: 0.5mm center-to-center
- Reinforcement: 2 large side pads for structural soldering
```
- ⤷
What is the difference between top-contact and bottom-contact FPC connectors?
- ⤷ Are there specific FPC cable thickness requirements for the FF20 series?
- ⤷ Can this connector handle high-speed data protocols like USB 3.0?