FJFT4-A6-R
AI

The **FJFT4-A6-R** is a specific electronic component, typically categorized as a **High-Performance RJ45 Connector with Integrated Magnetics** (also known as a "MagJack"). These components are essential in Ethernet networking for providing physical connectivity and signal conditioning.
---
### 1. General Specifications
The FJFT4-A6-R is designed to handle Ethernet data transmission while protecting the sensitive Integrated Circuits (ICs) on the PCB.
| Feature | Description |
| :--- | :--- |
| **Component Type** | RJ45 Modular Jack with Integrated Magnetics |
| **Speed/Standard** | 10/100/1000 Base-T (Gigabit Ethernet) |
| **Configuration** | Single Port (1x1), Right Angle |
| **Mounting Type** | Through-hole (THT) |
| **Shielding** | EMI Metal Shield with Tab-up/down orientation |
| **LED Indicators** | Usually features Green/Yellow LEDs for Link/Activity |
---
### 2. Internal Electronic Structure
Unlike a standard plastic phone jack, the "A6-R" series contains several internal passive components:
1. **Isolation Transformers:** Provides 1500Vrms isolation between the cable and the PHY chip to prevent electrical damage from surges.
2. **Common Mode Chokes:** Filters out electromagnetic interference (EMI) and noise from the twisted pair cables.
3. **Termination Resistors/Capacitors:** Often includes "Bob Smith" termination to reduce common-mode reflections and improve signal integrity.
---
### 3. Pinout and Interface
The component bridges the gap between the **Physical Layer (PHY)** chip and the **External Network**.
#### A. Input (PCB Side)
* **TD+/- (Transmit):** Differential pairs coming from the Ethernet controller.
* **RD+/- (Receive):** Differential pairs going to the Ethernet controller.
* **Center Tap (CT):** Power/Ground pins for biasing the internal transformers.
#### B. Output (Cable Side)
* Standard **8P8C (RJ45)** interface for Cat5e or Cat6 cabling.
---
### 4. Key Advantages
* **Space Saving:** Consolidates the connector, transformers, and filters into one footprint.
* **EMI Shielding:** The metal housing is grounded to the chassis, reducing radiated emissions.
* **Reliability:** Factory-tested magnetic performance ensures consistent data rates.
---
- ⤷
What is the standard pinout for the integrated LEDs in the FJFT4 series?
- ⤷ Can this connector support Power over Ethernet (PoE) applications?
- ⤷ What are the footprint dimensions for PCB layout design?