Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • FKLE

  • AI
    The term **FKLE** typically refers to a specialized series of **Film Capacitors** (often Polypropylene) or specific automotive-grade electronic components produced by manufacturers like **Panasonic** or **EPCOS (TDK)**. These parts are primarily used for EMI (Electromagnetic Interference) suppression and high-power applications. ### 1. Technical Overview The FKLE series components are designed for high-reliability environments where electrical noise filtering is critical. | Feature | Description | | :--- | :--- | | **Component Type** | Film Capacitor (Safety Class X1/X2 or Y2) | | **Dielectric Material** | Metallized Polypropylene / Polyester | | **Common Application** | AC Line Filtering, Automotive Electronics | | **Key Advantage** | Self-healing properties and high moisture resistance | --- ### 2. Key Electronic Characteristics These parts are engineered with specific physical and electrical traits to ensure circuit stability: * **Self-Healing Properties:** If a dielectric breakdown occurs due to a voltage spike, the metallized layer evaporates around the short circuit, clearing the fault and allowing the capacitor to continue functioning. * **Flame Retardancy:** Usually encased in a UL 94 V-0 rated plastic case with epoxy resin sealing. * **High Voltage Rating:** Typically designed to handle AC line voltages (250V AC to 440V AC and higher). * **AEC-Q200 Compliance:** Many FKLE-coded parts meet automotive stress-test qualifications, meaning they can withstand extreme vibrations and temperature cycles. --- ### 3. Usage in Circuit Design In a standard power supply circuit, these parts are placed in specific configurations to protect the device and the power grid: #### X-Configuration (Across the Line) Used to reduce differential mode noise. The FKLE part is connected between the "Live" and "Neutral" wires. #### Y-Configuration (Line to Ground) Used to reduce common-mode noise. These parts are connected between a power line and the "Chassis Ground." **Note:** Safety ratings are much stricter for Y-capacitors to prevent electric shock. --- ### 4. Identification and Markings When inspecting an FKLE electronic part, you will typically find the following markings on the housing: 1. **Capacitance Value:** (e.g., 0.1µF or 104K). 2. **Tolerance:** Indicated by a letter (K = ±10%, M = ±20%). 3. **Safety Standards:** Logos such as VDE, ENEC, or UL, indicating the part is certified for high-voltage safety. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between X1 and X2 safety ratings in FKLE capacitors?
    • ⤷ How do I test if an FKLE capacitor is still functional using a multimeter?
    • ⤷ Which manufacturers currently produce the FKLE series?