FL201209-R10
AI

The **FL201209-R10** is a specific surface-mount electronic component, typically classified as a **Ferrite Chip Bead** or a **Multilayer Chip Inductor**. Components with this naming convention are designed for high-frequency noise suppression and signal integrity in compact electronic circuits.
### 1. Part Number Breakdown
The alphanumeric code follows a standard industry format for passive components:
| Segment | Meaning | Description |
| :--- | :--- | :--- |
| **FL** | Series Code | Often denotes a Ferrite Layered or Filter series. |
| **2012** | Case Size (Metric) | 2.0mm x 1.25mm (Equivalent to **0805** in Imperial). |
| **09** | Thickness | Indicates a height of approximately 0.9mm. |
| **R10** | Inductance Value | Represents **0.10 µH** (R acts as a decimal point). |
---
### 2. Key Technical Specifications
While exact specs can vary by manufacturer (such as TDK, Murata, or Taiyo Yuden), the general characteristics for an R10 (100nH) chip inductor/bead are:
* **Inductance:** 0.10 µH (±10% to ±20% tolerance).
* **DC Resistance (DCR):** Usually very low (typically < 0.30 Ω) to minimize power loss.
* **Rated Current:** Generally ranges between 200mA and 500mA depending on the internal wire gauge.
* **Self-Resonant Frequency (SRF):** High SRF, making it suitable for high-frequency filtering.
* **Operating Temperature:** Typically -40°C to +85°C or +125°C.
---
### 3. Applications and Usage
These parts are primarily used for **EMI (Electromagnetic Interference) suppression**.
* **Noise Filtering:** Placed on DC power lines or signal lines to prevent high-frequency noise from interfering with sensitive components.
* **Decoupling:** Used in conjunction with capacitors to create low-pass filters.
* **Common Devices:** Found in mobile phones, tablets, laptops, and automotive infotainment systems where PCB space is limited.
---
### 4. Comparison Table: 2012 (Metric) vs 0805 (Imperial)
It is important to ensure the footprint matches your PCB design:
| Metric (mm) | Imperial (inch) | Length (L) | Width (W) |
| :--- | :--- | :--- | :--- |
| **2012** | **0805** | 2.00 ± 0.20 | 1.25 ± 0.20 |
---
- ⤷
What is the typical tolerance for the R10 inductance value?
- ⤷ How does this component differ from a standard resistor in the same package size?
- ⤷ Can this part be used for power supply filtering above 1 Amp?