FL201209-R15
AI

The **FL201209-R15** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Multi-layer Chip Inductor** (specifically a Ferrite Chip Bead or Inductor). It is widely used in high-frequency noise suppression and signal integrity circuits.
---
### 1. Part Number Breakdown
The alphanumeric code follows a standard industry naming convention:
| Code Segment | Meaning | Description |
| :--- | :--- | :--- |
| **FL** | Product Series | Often denotes a Ferrite Layered/Multi-layer inductor. |
| **2012** | Package Size | Imperial 0805 metric equivalent (2.0mm x 1.25mm). |
| **09** | Thickness | Denotes the thickness of the component (approx. 0.9mm). |
| **R15** | Inductance Value | "R" acts as a decimal point. R15 = **0.15 µH** (Microhenries). |
---
### 2. Technical Specifications
While exact specifications can vary slightly by manufacturer (such as TDK, Murata, or Taiyo Yuden), the general characteristics for an R15 chip inductor in this series are:
* **Inductance:** 0.15 µH (150 nH).
* **Tolerance:** Usually ±10% or ±20%.
* **Current Rating (I-dc):** Typically ranges from **150mA to 300mA** (depending on the specific DCR).
* **DC Resistance (DCR):** Low resistance, usually between **0.2Ω and 0.5Ω**.
* **Operating Temperature:** Generally **-40°C to +125°C**.
* **Material:** Ferrite-based multi-layer construction.
---
### 3. Key Applications
Because of its small form factor (0805 size) and high-frequency performance, the FL201209-R15 is commonly found in:
1. **EMI Suppression:** Used to filter out high-frequency electromagnetic interference in power lines and signal lines.
2. **Mobile Electronics:** Found in smartphones, tablets, and wearables due to the compact 2012 footprint.
3. **Decoupling:** Used in conjunction with capacitors to prevent noise from entering sensitive ICs.
4. **RF Circuits:** Used in matching networks for wireless communication modules.
---
### 4. Physical Dimensions (Metric)
| Dimension | Measurement (mm) |
| :--- | :--- |
| **Length (L)** | 2.00 ± 0.20 |
| **Width (W)** | 1.25 ± 0.20 |
| **Thickness (T)** | 0.90 ± 0.20 |
---
- ⤷
What is the difference between a chip inductor and a ferrite bead in the 2012 package size?
- ⤷ How does the 'R15' value affect the Self-Resonant Frequency (SRF) of the part?
- ⤷ What are the common manufacturer alternatives for the FL201209 series?