AI

The **FL201209-R18** is a specific electronic component, typically categorized as a **Ferrite Chip Inductor** (specifically a multilayer chip inductor). This component is designed for surface-mount technology (SMT) and is commonly used in high-frequency signal processing and power management circuits.
---
### 1. Breakdown of the Part Number
The alphanumeric code follows a standard industry naming convention for passive components:
| Part Segment | Meaning | Details |
| :--- | :--- | :--- |
| **FL** | Series Code | Often denotes a Multilayer Ferrite Inductor series. |
| **2012** | Package Size | Imperial size 0805 (Metric 2012). Dimensions: 2.0mm x 1.25mm. |
| **09** | Thickness Code | Indicates a component thickness of approximately 0.9mm. |
| **R18** | Inductance Value | "R" acts as a decimal point. R18 = **0.18 µH** (180 nH). |
---
### 2. Key Technical Specifications
While exact specifications can vary slightly between manufacturers (such as TDK, Murata, or Taiyo Yuden), the general characteristics for an R18 multilayer inductor are:
* **Inductance:** 0.18 µH (±10% or ±20% tolerance).
* **DC Resistance (DCR):** Typically very low, ranging from 0.20 to 0.50 Ohms.
* **Rated Current:** Usually between 150mA and 300mA.
* **Self-Resonant Frequency (SRF):** Generally high, often exceeding 100MHz to 200MHz.
* **Operating Temperature:** Standard range is -40°C to +85°C or +125°C.
---
### 3. Construction and Function
The **FL201209-R18** is a **Multilayer Inductor**, meaning it is constructed by layering ferrite paste and conductive internal electrode paste.
* **No External Windings:** Unlike traditional wire-wound inductors, the "coil" is integrated inside the ceramic/ferrite body, making it highly reliable and compact.
* **Magnetic Shielding:** The ferrite body provides a closed magnetic circuit, which minimizes EMI (Electromagnetic Interference) and prevents the component from affecting nearby traces.
---
### 4. Common Applications
Due to its small size and inductance value, this part is used in:
1. **Noise Suppression:** Filtering high-frequency noise in communication lines.
2. **Impedance Matching:** Used in RF (Radio Frequency) circuits for smartphones and Wi-Fi modules.
3. **DC-DC Converters:** Small-scale power conversion in portable electronics (wearables, tablets).
4. **Signal Conditioning:** Smoothing out ripples in digital signals.
---
- ⤷
What is the difference between a ferrite bead and a multilayer inductor like the FL201209-R18?
- ⤷ How do I calculate the maximum power dissipation for this component?
- ⤷ Are there alternative package sizes if 0805 is too large for my PCB?