FL201209-R18K
AI

The **FL201209-R18K** is a surface-mount (SMD) multilayer chip inductor. These components are commonly used in high-frequency circuits for signal filtering and noise suppression.
---
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the physical and electrical characteristics of the part:
| Segment | Meaning | Description |
| :--- | :--- | :--- |
| **FL** | Series Type | Multilayer Ferrite Chip Inductor. |
| **201209** | Case Size | Dimensions: 2.0mm x 1.2mm x 0.9mm (Metric 2012 / Imperial 0805). |
| **R18** | Inductance Value | R represents the decimal point. **0.18 µH** (180 nH). |
| **K** | Tolerance | **±10%** (standard industry code). |
---
### 2. Key Specifications
While exact values can vary slightly by manufacturer (such as Sunlord, Murata, or TDK equivalents), the typical specifications for an R18K 0805 inductor are:
* **Inductance:** 0.18 µH (180 nH)
* **Tolerance:** ±10%
* **Test Frequency:** Usually 25 MHz
* **Quality Factor (Q):** Typically 15–25 (minimum)
* **Self-Resonant Frequency (SRF):** Approximately 200–300 MHz
* **DC Resistance (DCR):** Low resistance (usually < 0.50 Ω) to minimize power loss.
* **Rated Current:** Usually between 150mA and 300mA.
---
### 3. Construction and Features
The "FL" series uses a multilayer process rather than a wire-wound core.
* **Multilayer Technology:** Internal silver printed electrodes are layered with ferrite paste and fired into a monolithic structure.
* **Magnetic Shielding:** The closed magnetic circuit minimizes EMI (Electromagnetic Interference) and crosstalk with neighboring components.
* **Size:** The **0805 (2012 Metric)** footprint is a standard size, making it easy to handle for automated pick-and-place machines while maintaining a small PCB footprint.
---
### 4. Common Applications
This specific inductor is generally used in low-power, high-frequency signal paths:
1. **EMI Suppression:** Filtering high-frequency noise in communication lines.
2. **RF Circuits:** Used in matching networks for Bluetooth, Wi-Fi, or cellular modules.
3. **Power Decoupling:** Preventing noise from the power supply from entering sensitive ICs.
4. **Signal Conditioning:** Used in video and audio circuits to maintain signal integrity.
---
- ⤷
What is the difference between multilayer and wire-wound inductors?
- ⤷ How do I calculate the impedance of this inductor at a specific frequency?
- ⤷ What are the recommended soldering profiles for 0805 SMD components?