AI

The **FL201209-R56K** is a surface-mount (SMD) multilayer ferrite chip inductor, commonly used for high-frequency filtering and signal conditioning in electronic circuits.
---
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the physical and electrical characteristics of the component:
| Segment | Meaning | Description |
| :--- | :--- | :--- |
| **FL** | Series Code | Multilayer Ferrite Inductor (General Purpose) |
| **201209** | Size (Metric) | 2.0mm x 1.2mm x 0.9mm (corresponds to **0805** imperial) |
| **R56** | Inductance Value | R56 = **0.56 µH** (microhenries) |
| **K** | Tolerance | **±10%** |
---
### 2. Key Specifications
While specific data can vary slightly by manufacturer (such as TDK, Murata, or Taiyo Yuden), the standard specifications for a R56K 0805 inductor are typically:
* **Inductance:** 0.56 µH
* **Tolerance:** ±10%
* **DC Resistance (DCR):** Usually ranges between 0.30Ω to 0.55Ω.
* **Rated Current:** Typically between 150mA and 300mA.
* **Self-Resonant Frequency (SRF):** Generally > 100 MHz.
* **Operating Temperature:** -40°C to +85°C (standard) or up to +125°C.
---
### 3. Construction and Materials
The "FL" series uses a **Multilayer Technology** which differentiates it from wire-wound inductors:
* **Core Material:** Ferrite. This provides high magnetic permeability and effectively suppresses electromagnetic interference (EMI).
* **Internal Electrode:** Usually Silver (Ag) printed in layers to form the coil structure.
* **Termination:** Nickel (Ni) barrier with a Tin (Sn) plating to ensure good solderability and prevent silver migration.
---
### 4. Common Applications
Due to its small footprint (0805) and ferrite properties, this part is ideal for:
1. **EMI Suppression:** Filtering high-frequency noise in digital I/O lines.
2. **Power Supply Decoupling:** Preventing noise from entering or leaving sensitive DC-DC converter stages.
3. **Signal Conditioning:** Used in resonance circuits or as a low-pass filter in mobile phones, computers, and consumer electronics.
---
### 5. Equivalent Replacement Guide
If sourcing this specific part is difficult, look for inductors with these matching parameters:
```json
{
"Package": "0805 (2012 Metric)",
"Inductance": "0.56uH",
"Tolerance": "10% or tighter (e.g., J/5%)",
"Type": "Multilayer Ferrite"
}
```
- ⤷
What is the difference between a multilayer ferrite inductor and a wire-wound inductor?
- ⤷ How does the DCR of this part affect its performance in a power circuit?
- ⤷ What are the soldering profile recommendations for an 0805 ferrite chip?