Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • FLC-151-R

  • AI
    The **FLC-151-R** is a high-performance, single-axis **Fiber Optic Gyroscope (FOG)**. It is primarily used in aerospace, naval, and industrial applications for precision rate sensing and stabilization. Unlike mechanical gyroscopes, it uses the Sagnac effect to measure angular velocity without moving parts. --- ### 1. Key Technical Specifications The following table highlights the critical electronic and performance parameters of the FLC-151-R: | Parameter | Specification | Units | | :--- | :--- | :--- | | **Input Range** | ±100 to ±500 (Configurable) | °/sec | | **Bias Instability** | ≤ 0.1 to 0.5 | °/hr | | **Angular Random Walk** | ≤ 0.01 to 0.05 | °/√hr | | **Operating Voltage** | +5V (DC) | V | | **Power Consumption** | < 3 | W | | **Interface** | RS-422 (Digital) / Analog | - | | **Scale Factor Linearity** | ≤ 100 | ppm | --- ### 2. Core Electronic Components The device is a complex opto-electronic system consisting of three main stages: #### A. Optical Block * **SLD (Superluminescent Diode):** The light source that emits broadband light into the fiber coil. * **Fiber Coil:** A long spool of polarization-maintaining (PM) fiber where the Sagnac phase shift occurs. * **Photodetector:** Converts the interference light pattern back into an electrical signal. * **MIOC (Multifunctional Integrated Optical Chip):** Includes a polarizer and a phase modulator to control the light waves. #### B. Signal Processing Electronics * **FPGA/DSP Center:** The "brain" of the unit. It performs high-speed digital signal processing to extract the rotation rate from the phase shift. * **Closed-Loop Controller:** The FLC-151-R typically operates in a "closed-loop" mode. It applies a feedback voltage to the MIOC to cancel out the Sagnac phase shift, ensuring high linearity and stability. * **A/D and D/A Converters:** High-precision converters handle the transition between the analog optical signals and digital processing. #### C. Power Management * **DC-DC Converters:** Internal regulators that convert the input voltage into the stable, low-noise rails required for the sensitive SLD and photodetector. --- ### 3. Connection and Integration The FLC-151-R is designed for rugged environments. Its electronic interface usually follows these standards: 1. **Communication:** Uses **RS-422** for high-speed digital output, making it resistant to EMI (Electromagnetic Interference). 2. **Sampling Rate:** It typically offers high data output rates (up to 1kHz or higher) for real-time stabilization. 3. **Physical Interface:** Usually utilizes a micro-D (J30J) or circular aviation connector for secure signal integrity. --- ### 4. Applications * **UAVs & Missiles:** For flight control and navigation. * **Camera Gimbals:** For high-precision image stabilization. * **Robotics:** For orientation in autonomous ground vehicles (AGVs). * **Antenna Tracking:** Keeping satellite dishes pointed correctly on moving platforms.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the FLC-151-R and a MEMS gyroscope?
    • ⤷ How do I interface the RS-422 signal with a standard PC?
    • ⤷ What are the environmental protection ratings (IP/MIL-SPEC) for this sensor?