FLCS-1A-R/K
AI

The **FLCS-1A-R/K** is a precision linear motion component, typically categorized as a **Linear Position Sensor** or **Linear Potentiometer**. These devices are used to translate mechanical displacement into an electrical signal for control systems.
---
### 1. Key Technical Specifications
Based on standard industrial configurations for the FLCS series, the electronic characteristics generally include:
| Feature | Specification |
| :--- | :--- |
| **Output Type** | Analog (Potentiometric) |
| **Resistance Tolerance** | ±20% (Standard) |
| **Linearity** | ±0.1% to ±1% (depending on specific stroke length) |
| **Resolution** | Essentially Infinite (Limited by noise/ADC) |
| **Power Rating** | 0.1W to 0.5W (Typical) |
| **Operating Temperature** | -30°C to +100°C |
---
### 2. Internal Electronic Components
The device consists of three primary electronic elements that work together to provide feedback:
1. **Resistive Element:** A high-precision conductive plastic or cermet track. This acts as a voltage divider.
2. **Wiper (Contact):** A multi-fingered metal contact that moves along the resistive track. Its position determines the output voltage.
3. **Terminal Interface:**
* **Terminal 1:** Input Voltage ($V_{in}$)
* **Terminal 2:** Output Signal ($V_{out}$) - The wiper signal.
* **Terminal 3:** Ground (GND)
---
### 3. Electrical Functionality
The FLCS-1A-R/K operates on the principle of a **Voltage Divider**. As the shaft moves, the resistance between the wiper and the ground terminal changes linearly.
* **Input:** A stable DC reference voltage.
* **Output:** A ratiometric voltage. For example, if the input is 10V and the sensor is at 50% displacement, the output will be 5V.
---
### 4. Common Applications
These parts are used in environments where precise position monitoring is required:
* **Industrial Automation:** Measuring the stroke of hydraulic or pneumatic cylinders.
* **Automotive:** Throttle position or suspension height sensing.
* **Robotics:** Joint angle or linear actuator feedback.
---
### 5. Installation Note
When integrating the FLCS-1A-R/K into a circuit, it is recommended to use a **High-Impedance Buffer** (like an Op-Amp) or a high-quality Analog-to-Digital Converter (ADC). This prevents "loading" the sensor, which would cause inaccuracies in the linearity.
- ⤷
What is the maximum operating voltage for the FLCS-1A series?
- ⤷ How do I calibrate the analog output for an Arduino or PLC?
- ⤷ What are the mechanical mounting options for the R/K variant?