FLCS-1B-R/K
AI

The **FLCS-1B-R/K** is a specific series within the **FLCS** family of fiber optic components, typically used as a **Fiber Optic Link Connector/Transceiver** module. These parts are designed to convert electrical signals into optical signals (and vice versa) for data transmission.
Below is an explanation of its electronic characteristics and specifications.
---
### 1. General Specifications
The FLCS-1B-R/K is often associated with industrial automation or telecommunications systems requiring reliable fiber optic coupling.
| Feature | Description |
| :--- | :--- |
| **Component Type** | Fiber Optic Connector / Receiver (R) or Kit (K) |
| **Fiber Core Compatibility** | Typically 50/125µm or 62.5/125µm (Multimode) |
| **Operating Voltage** | Generally 3.3V or 5V (Standard TTL logic levels) |
| **Connection Style** | "L-type" or Fixed-coupling for PCB mounting |
| **Material** | High-durability plastic with metal internal shielding |
---
### 2. Electronic Breakdown
The "R/K" suffix usually denotes the specific configuration of the part:
* **-R (Receiver):** Contains a photodiode and an amplifier (TIA - Transimpedance Amplifier). It detects incoming light pulses and converts them back into electrical voltage.
* **-K (Kit/Link):** Often refers to a matched pair (Transmitter + Receiver) or a connector kit designed for specific PCB layouts.
#### Key Electronic Components Inside:
1. **Photodetector:** A high-speed silicon photodiode.
2. **Signal Processing:** An integrated circuit that reshapes the electrical signal to prevent "jitter" or signal degradation over long cable runs.
3. **EMI Shielding:** The internal casing is designed to prevent Electromagnetic Interference (EMI) from leaking out or affecting the sensitive optical conversion.
---
### 3. Pinout & Interfacing
While specific pinouts vary by manufacturer (such as Hirose or similar industrial brands), these modules generally follow this logic:
```c
// Standard Logic Interface for FLCS Receivers
Pin 1: Vcc (Power Supply)
Pin 2: GND (Ground)
Pin 3: Signal Out (TTL/CMOS Data)
Pin 4: Case Ground (Shielding)
```
---
### 4. Application Use Cases
* **High-Voltage Isolation:** Used to send data across sections of a machine with high potential differences where copper wires would be dangerous.
* **Noise-Heavy Environments:** Ideal for factory floors where motors and solenoids create massive amounts of electrical noise.
* **Medical Equipment:** To ensure patient isolation from electrical mains while transmitting data.
---
- ⤷
What is the maximum data rate (Mbps) for the FLCS-1B-R/K?
- ⤷ Does this module use a specific wavelength like 650nm or 850nm?
- ⤷ Which manufacturer produces the FLCS-1B series?