FLCS-71-R/K
AI

The **FLCS-71-R/K** is a specific electronic component within the category of **Pushbutton Switches**, commonly manufactured by Japanese electronic component specialists like **Sunmulon**. These switches are known for their precision, reliability, and integrated illumination options.
---
## 1. Component Identification
The model number identifies specific characteristics of the switch mechanism and its visual feedback system.
| Part Segment | Meaning |
| :--- | :--- |
| **FLCS** | Series name (Low-profile/Small illuminated pushbutton) |
| **71** | Size/Body configuration code |
| **R** | Color code (typically **Red**) |
| **K** | Contact type or button style (often indicates **Momentary** action) |
---
## 2. Key Technical Specifications
While exact specifications can vary by production year, the FLCS series generally follows these electronic parameters:
### Electrical Characteristics
* **Switching Capacity:** Usually rated for low current (e.g., 0.1A at 30V DC or 125V AC).
* **Contact Resistance:** Typically less than 50mΩ.
* **Insulation Resistance:** 100MΩ minimum at 500V DC.
* **Dielectric Strength:** 1,000V AC for 1 minute between terminals.
### Mechanical Features
* **Action:** **Momentary** (the switch returns to its original position after being released).
* **Mounting:** Designed for **PCB (Printed Circuit Board)** mounting or panel mount depending on the terminal layout.
* **Stroke:** Short travel distance (approx. 1.0mm to 2.5mm) for tactile feedback.
---
## 3. The Illumination System (R/K)
The "R" signifies that the unit contains a **Red LED** or a red filter lens.
* **LED Voltage:** Usually requires a forward voltage ($V_f$) of approximately 1.8V to 2.2V.
* **Independent Circuit:** The LED is electrically isolated from the switch contacts, allowing the light to be controlled by an external logic circuit (e.g., to indicate a "Status On" mode).
* **Current Limiting:** A resistor must be used in series with the LED to prevent burnout if connecting to a 5V or 12V supply.
---
## 4. Typical Applications
These parts are industrial-grade and are frequently found in:
1. **Broadcast Equipment:** Control panels for video switchers.
2. **Medical Devices:** Interface buttons for diagnostic machinery.
3. **Industrial Automation:** Start/Stop buttons on PLC interfaces.
4. **Test & Measurement:** High-precision laboratory instruments.
---
- ⤷
What is the pinout diagram for the FLCS-71 series terminals?
- ⤷ How do I calculate the resistor value for the Red LED in this switch?
- ⤷ Is there a latching (alternate) version of this switch instead of momentary?