FLM-0D-R
AI

The **FLM-0D-R** is an electronic component primarily associated with **Siemens Fire Safety** systems. It is an Addressable Relay Module designed to interface with fire alarm control panels (FACP).
### 1. Technical Specifications
The following table outlines the key electrical and physical characteristics of the FLM-0D-R:
| Specification | Details |
| :--- | :--- |
| **Type** | Addressable Dual-Relay Module |
| **Operating Voltage** | 18 to 31 VDC |
| **Current Consumption** | 1 mA (Standby), 5 mA (Active) |
| **Relay Contact Rating** | 2A @ 30 VDC / 0.5A @ 125 VAC |
| **Protocol** | Siemens XLS/Desigo/Cerberus PRO |
| **Mounting** | Standard 4-inch square electrical box |
---
### 2. Key Electronic Features
* **Dual Relay Functionality:** The module typically contains two independent sets of Form 'C' (SPDT) dry contacts. These can be programmed to trigger different external devices.
* **Microprocessor-Based:** It uses an internal microcontroller to monitor the loop communication and manage the state of the relays, ensuring high reliability and precise timing.
* **LED Indicators:** Most variants include a status LED that flashes green when communicating and stays steady red when the relays are activated.
* **Built-in Identification:** The unit has an internal electronic serial number, allowing the control panel to automatically identify its location and type during the mapping process.
---
### 3. Circuit Application & Wiring
The FLM-0D-R acts as a bridge between the low-voltage signaling line circuit (SLC) and high-current/voltage external equipment.
#### Common Use Cases:
1. **Elevator Recall:** Sending a signal to elevator controllers during a fire event.
2. **HVAC Shutdown:** Closing air dampers or turning off fans to prevent smoke spread.
3. **Door Release:** Releasing electromagnetic door holders to compartmentalize a building.
4. **Security Integration:** Triggering third-party security systems or lighting.
#### Wiring Diagram Concept:
```text
[ SLC Loop (+) ] ----+---- [ FLM-0D-R ] ----+---- [ SLC Loop (+) ]
[ SLC Loop (-) ] ----+---- [ Module ] ----+---- [ SLC Loop (-) ]
|
[ Relay Output Contacts ]
(NO / NC / Common Terminals)
```
---
### 4. Installation Considerations
* **Programming:** The device must be assigned a unique address via a programming tool (like the DPU) or through the control panel menu.
* **Isolation:** While the relay handles external loads, the module itself is electronically isolated from the power it switches to protect the fire alarm loop from electrical noise or surges.
- ⤷How do you program the address for a Siemens FLM-0D-R module?
- ⤷ What is the difference between a relay module and a monitor module?
- ⤷ Can the FLM-0D-R switch 220V AC loads directly?