FLM-4B-R/Q
AI

The **FLM-4B-R/Q** refers to a specific type of Logic Monitor or Interface Module, commonly used in fire alarm systems (specifically the Bosch series). The "R" usually denotes a Relay function, while the "Q" refers to a specific form factor or configuration.
Below is an explanation of its electronic components and technical characteristics.
---
### 1. General Technical Specifications
These modules are designed to provide a dry-contact relay output for controlling external equipment like fire doors, elevators, or HVAC systems via a fire alarm control panel.
| Specification | Details |
| :--- | :--- |
| **Input Voltage** | 15 V DC to 33 V DC (LSN loop power) |
| **Current Consumption** | < 0.2 mA (Standby) |
| **Contact Load** | Max. 2 A @ 30 V DC or 0.5 A @ 125 V AC |
| **Interface** | LSN (Local Security Network) |
| **Address Setting** | Rotary switches or Auto-addressing |
---
### 2. Key Electronic Components
The internal circuitry of the FLM-4B-R/Q consists of several critical subsystems:
#### A. Microcontroller & LSN Chip
The brain of the unit is a low-power microcontroller paired with an **LSN (Local Security Network) Interface**. This allows the module to communicate with the main fire panel, report its status, and receive activation commands.
#### B. Relay Mechanism
* **Form C Contact:** The "R" module contains a physical electromagnetic relay. It usually provides a change-over contact (Common, Normally Open, Normally Closed).
* **Isolation:** The relay provides galvanic isolation between the fire alarm loop and the high-voltage/high-current external equipment.
#### C. Addressing Mechanism (Rotary Switches)
The module typically features three rotary switches used to manually set the module's unique address on the loop (from 001 to 254).
* **000:** Automatic addressing mode.
* **CL:** Used for "Classic" LSN mode.
#### D. Diagnostic LEDs
A built-in LED (often red or bicolor) provides visual feedback:
* **Flashing:** Normal polling/communication.
* **Steady Light:** Relay is activated or an error state exists.
---
### 3. Wiring Configuration
The module interfaces with the LSN loop via two main terminal sets:
1. **LSN In/Out:** Connections for the data/power loop from the fire panel.
2. **Relay Terminals:**
* **C (Common)**
* **NO (Normally Open)**
* **NC (Normally Closed)**
---
### 4. Application Examples
* **Elevator Recall:** Triggers the elevator to return to the ground floor during a fire.
* **Fan Shutdown:** Disables HVAC fans to prevent smoke spread.
* **Door Release:** Cuts power to magnetic door holders to close fire doors.
- ⤷
What is the maximum current capacity for the FLM-4B relay contacts?
- ⤷ How do you set the address on the FLM-4B-R using the rotary switches?
- ⤷ What is the difference between the 'R' and 'S' versions of these modules?