FLM-A1B-R
AI

The **FLM-A1B-R** is a specific electronic component typically categorized as a **Surface Mount Device (SMD) Power Inductor** or a specialized **Chip Inductor**, often manufactured by companies like Taiyo Yuden or similar specialty electronics firms. These components are designed for power management circuits in compact electronic devices.
---
### 1. Key Technical Specifications
Below is a breakdown of the typical characteristics found in the FLM-A series:
| Property | Typical Value/Description |
| :--- | :--- |
| **Component Type** | Power Inductor / Chip Inductor |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Structure** | Multilayer or Wire-wound (Series dependent) |
| **Core Material** | Ferrite or Metal Composite |
| **Shielding** | Magnetic Shielding (to prevent EMI) |
| **Operating Temperature** | -40°C to +125°C (Standard industrial range) |
### 2. Physical Characteristics
The nomenclature "A1B" usually refers to the physical dimensions and the construction style:
* **Form Factor:** Designed for high-density PCB layouts.
* **Termination:** Lead-free (RoHS compliant) solder terminals.
* **Packaging:** Provided in Tape & Reel (**-R**) format for automated pick-and-place assembly machines.
### 3. Functional Applications
The FLM-A1B-R is primarily used in the following circuit types:
1. **DC-DC Converters:** Used for energy storage and filtering in voltage regulators.
2. **Noise Suppression:** Acting as a low-pass filter to block high-frequency noise in power lines.
3. **Mobile Devices:** Found in smartphones and tablets due to its small footprint and efficiency.
4. **Decoupling:** Providing clean power to sensitive ICs (Integrated Circuits).
### 4. Code Breakdown
Usually, the part number follows a specific logic:
```text
FLM - A1B - R
| | |
| | +-- Packaging (Reel)
| +-------- Size/Internal Construction Code
+-------------- Product Series (Power Inductor)
```
---
### Summary of Benefits
* **High Saturation Current:** Capability to handle peak currents without significant inductance drop.
* **Low DC Resistance (DCR):** Minimizes power loss and heat generation.
* **EMI Protection:** The shielded design ensures it does not interfere with nearby sensitive components like antennas or processors.
- ⤷What are the specific dimensions of the A1B package size?
- ⤷ How does the saturation current of the FLM series compare to standard inductors?
- ⤷ Is the FLM-A1B-R suitable for automotive grade applications (AEC-Q200)?