FLM-F6-R/Q
AI

The **FLM-F6-R/Q** is a high-performance **Fiber Laser Marking Machine**, typically featuring a 20W to 50W laser source. These systems are used for high-precision permanent marking on metals and some plastics.
Below is an overview of the core electronic components that make up this system.
---
### 1. Main Electronic Components
The machine's performance depends on the synchronization of the laser source, the optical steering (galvo), and the control board.
| Component | Function | Description |
| :--- | :--- | :--- |
| **Fiber Laser Source** | Laser Generation | Usually a Raycus, Max, or IPG source. It converts electrical energy into a high-intensity fiber optic beam. |
| **Galvanometer (Galvo)** | Beam Steering | High-speed motor-driven mirrors that direct the laser beam onto the X and Y axes. |
| **Control Board** | System "Brain" | Usually an **EzCad (JCZ)** board. It processes the software instructions and controls the laser pulse and galvo timing. |
| **Power Supply Units (PSU)** | Power Conversion | Converts AC wall power to DC voltages (typically 24V for the board/galvo and 48V for the laser source). |
| **F-Theta Lens** | Beam Focusing | An optical lens that focuses the laser at a consistent spot size across the entire marking field. |
---
### 2. Detailed Electronic Specifications
The "R/Q" designation often refers to specific configurations regarding the laser pulse frequency (Q-switched) or the rotary axis (R) compatibility.
#### A. The Laser Source (The Core)
* **Wavelength:** ~1064nm (Infrared).
* **Pulse Frequency:** 20 kHz to 80 kHz (standard Q-switched).
* **Cooling:** Electronic fan cooling (Air Cooled).
#### B. Control & Connectivity
* **Interface:** USB connection to a PC running marking software (EzCad2 or EzCad3).
* **I/O Ports:** Includes DB15 or DB25 connectors for the Galvo head and additional ports for foot pedals or rotary attachments.
* **Red Light Pointer:** An auxiliary diode laser (650nm) used for visual positioning before marking.
#### C. Safety & Protection
* **Emergency Stop:** A physical kill-switch that cuts power to the laser driver immediately.
* **Key Switch:** Electronic lockout to prevent unauthorized use.
---
### 3. Wiring and Signal Flow
```mermaid
graph LR
A[AC Input] --> B[DC Power Supplies]
B --> C[Control Card]
C --> D[Laser Source]
C --> E[Galvo Head]
D --> F[Optical Fiber]
F --> E
E --> G[Marking Surface]
```
---
- ⤷
What are the differences between Raycus and IPG laser sources for this model?
- ⤷ How do I troubleshoot a 'Laser Connection Failed' error on the control board?
- ⤷ Does the FLM-F6-R/Q support 3D deep engraving or only 2D marking?