FLM-FW0-R
AI

The **FLM-FW0-R** is an electronic component primarily associated with **Bosch Security Systems**. It is a **Single-Action Manual Call Point (Red)** designed for use with Local SecurityNetwork (LSN) fire alarm systems.
Below is a breakdown of its electronic specifications and functional characteristics.
---
### 1. Technical Specifications
The device operates on the LSN (Local Security Network) bus, which provides both power and data communication.
| Feature | Specification |
| :--- | :--- |
| **Operating Voltage** | 15 V DC to 33 V DC (LSN) |
| **Current Consumption** | 0.26 mA (standby) |
| **Communication Protocol** | LSN improved version |
| **Protection Class** | IP 54 |
| **Standard** | EN 54-11 |
| **Housing Material** | ASA Plastic (Red, RAL 3001) |
---
### 2. Core Electronic Components
The internal circuitry of the FLM-FW0-R consists of several key electronic layers:
* **LSN Interface Chip:** A specialized integrated circuit (IC) that manages bidirectional communication with the fire alarm control panel. It handles addressing and status reporting.
* **Trigger Mechanism:** A micro-switch or optical sensor (depending on the specific revision) that detects when the glass pane is broken or the reset element is pressed.
* **LED Indicator:** A high-visibility red LED that illuminates when the device is triggered, providing visual confirmation that the alarm has been sent.
* **Addressing Logic:** It features rotary switches or digital addressing capabilities, allowing the control panel to identify exactly which manual call point has been activated.
---
### 3. Functional Mechanism
The electronics are designed for **fail-safe operation**:
1. **Polling:** The fire panel constantly "polls" the device via the LSN bus to ensure it is online.
2. **Triggering:** When the front pane is displaced, the internal switch changes state.
3. **Data Transmission:** The LSN chip immediately sends an interrupt signal to the panel, changing the device status from "Normal" to "Alarm."
4. **Integrated Isolator:** In the event of a short circuit on the LSN loop, integrated electronic isolators ensure that the rest of the loop remains functional.
---
### 4. Wiring and Installation
The device typically uses a 4-wire LSN connection (In+/In- and Out+/Out-), allowing for "daisy-chain" or "loop" configurations.
```cpp
// Schematic representation of LSN Loop Wiring
[Panel] ---- (LSN +/–) ---- [FLM-FW0-R #1] ---- (LSN +/–) ---- [FLM-FW0-R #2]
```
- ⤷
How does the integrated isolator function during a short circuit?
- ⤷ What is the difference between the FLM-FW0-R and the FLM-FW0-R-D versions?
- ⤷ Can this device be used with non-Bosch fire alarm panels?