FLM-FW2-R
AI

The **FLM-FW2-R** is an electronic component primarily used in fire alarm and security systems. Specifically, it is a **Dual Monitor Module** (often manufactured by companies like Bosch or similar industrial automation brands) designed to interface with fire alarm control panels.
Below is an explanation of its electronic parts, functions, and specifications.
---
### 1. Functional Overview
The FLM-FW2-R acts as a bridge between a fire alarm control panel (FACP) and dry-contact devices. It allows the panel to monitor the status (Open, Normal, or Shorted) of two independent circuits.
### 2. Key Electronic Specifications
The module contains several critical electronic sub-assemblies to ensure reliability and safety.
| Feature | Specification |
| :--- | :--- |
| **Operating Voltage** | 24 VDC (Nominal) |
| **Current Consumption** | < 1 mA (Standby); ~5 mA (Alarm) |
| **Inputs** | 2 Independent Class B (Style B) circuits |
| **End-of-Line (EOL) Resistor** | Typically 3.9 kΩ (standard for signal integrity) |
| **Communication Protocol** | Digital polling (proprietary to the panel brand) |
| **Housing** | Fire-resistant plastic or metal plate |
---
### 3. Internal Components & Circuitry
The device consists of a printed circuit board (PCB) with several specialized electronic sections:
#### A. Microcontroller (MCU)
The brain of the module. It processes the analog signals from the input circuits and converts them into digital data to be sent back to the main control panel.
#### B. Addressable Switch / EEPROM
* **Rotary Switches:** Usually features two rotary dials to set the module's unique address on the SLC (Signaling Line Circuit).
* **Identification Chip:** Stores the factory-set serial number and device type.
#### C. Monitoring Circuitry (Voltage Dividers)
To detect the difference between a "Fire Alarm" (Short), a "Fault" (Open Wire), and "Normal" (Terminated with Resistor), the module uses a voltage-divider circuit. It monitors the drop across the EOL resistor.
#### D. Isolation & Protection
* **TVS Diodes:** Protects the internal logic from power surges or lightning strikes on the data lines.
* **Optical Isolation:** Some models use opto-isolators to prevent electrical noise from the monitored device from damaging the main fire loop.
---
### 4. Wiring and Interface
The electronic interface consists of terminal blocks labeled for specific connections:
1. **SLC In/Out:** Connects to the main data loop of the fire panel.
2. **Input 1 / Input 2:** Connects to pull stations, water flow switches, or heat sensors.
3. **LED Indicator:** A red or green LED that flashes to indicate successful communication (polling) or stays solid to indicate an alarm state.
---
- ⤷
What is the difference between Class A and Class B wiring for this module?
- ⤷ How do you set the hardware address on the FLM-FW2-R?
- ⤷ What are the most common causes of a 'Trouble' signal on this specific module?